Electronic Components Datasheet Search
  English  ▼

X  

RHF43B Datasheet(PDF) 8 Page - STMicroelectronics

Part # RHF43B
Description  RAD-hardened precision bipolar single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF43B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RHF43B Datasheet HTML 4Page - STMicroelectronics RHF43B Datasheet HTML 5Page - STMicroelectronics RHF43B Datasheet HTML 6Page - STMicroelectronics RHF43B Datasheet HTML 7Page - STMicroelectronics RHF43B Datasheet HTML 8Page - STMicroelectronics RHF43B Datasheet HTML 9Page - STMicroelectronics RHF43B Datasheet HTML 10Page - STMicroelectronics RHF43B Datasheet HTML 11Page - STMicroelectronics RHF43B Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Electrical characteristics
RHF43B
8/12
Figure 13.
Voltage gain and phase vs.
frequency at VCC= 3V, Vicm=1.5V,
and T= 25°C
Figure 14.
Voltage gain and phase vs.
frequency at VCC= 3V and
Vicm= 2.5V at T= 25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=3V, Vicm=1.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=3V, Vicm=2.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Figure 15.
Voltage gain and phase vs.
frequency at VCC= 3V and
Vicm= 0.5V at T= 25°C
Figure 16.
Voltage gain and phase vs.
frequency at VCC= 16V and
Vicm= 8V at T= 25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=3V, Vicm=0.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=16V, Vicm=0.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
Figure 17.
Voltage gain and phase vs.
frequency at VCC=16V and
Vicm= 15.5V at T= 25°C
Figure 18.
Voltage gain and phase vs.
frequency at VCC=16V and
Vicm= 0.5V at T= 25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=16V, Vicm=15.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C
10
4
10
5
10
6
10
7
−50
−40
−40
−30
−20
−20
−10
0
0
10
20
20
30
40
40
50
−180
−150
−150
−120
−120
−90
−90
−60
−60
−30
−30
0
30
30
60
60
90
90
120
120
150
150
180
Vcc=16V, Vicm=0.5V, G= −100
Rl=1kOhms, Cl=100pF, Vrl=Vcc/2
Tamb=25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com