Electronic Components Datasheet Search
  English  ▼

X  

RHF43B Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF43B
Description  RAD-hardened precision bipolar single operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF43B Datasheet(HTML) 1 Page - STMicroelectronics

  RHF43B Datasheet HTML 1Page - STMicroelectronics RHF43B Datasheet HTML 2Page - STMicroelectronics RHF43B Datasheet HTML 3Page - STMicroelectronics RHF43B Datasheet HTML 4Page - STMicroelectronics RHF43B Datasheet HTML 5Page - STMicroelectronics RHF43B Datasheet HTML 6Page - STMicroelectronics RHF43B Datasheet HTML 7Page - STMicroelectronics RHF43B Datasheet HTML 8Page - STMicroelectronics RHF43B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2008
Rev 3
1/12
12
RHF43B
RAD-hardened
precision bipolar single operational amplifier
Features
■ High immunity to radiations, 300kRad TID; SEL
immune at 68MeV/cm²/mg LET ions.
■ Rail-to-rail input/output
■ 8MHz gain bandwidth at 16V
■ Stable for gain
≥ 5
■ Low input offset voltage: 100µV typ
■ Supply current: 2.2mA typ
■ Operating from 3V to 16V
■ Input bias current: 30nA typ
■ ESD internal protection
≥ 2kV
■ Latch-up immunity: 200mA
■ Soon RHA QML-V qualified with smd
n° 5962-062xx
Description
The RHF43B is a precision bipolar operational
amplifier available in hermetic 8-pin flat package
and in die form. ln addition to its low offset
voltage, rail-to-rail feature, wide supply voltage,
the RHF43B is designed for increased tolerance
to radiation. Its intrinsic ELDRS-free rad-hard
design allows this product to be used in space
environment and in applications operating in
harsh environments.
Applications
■ Space probes and satellites
■ Defense systems
■ Scientific instrumentation
■ Nuclear systems
NC
+VCC
NC
OUT
-VCC
NC
IN -
IN +
Ceramic Flat-8
1
4
8
5
VDD
VCC
NC
+VCC
NC
OUT
-VCC
NC
IN -
IN +
Ceramic Flat-8
1
4
8
5
VDD
VCC
www.st.com


Similar Part No. - RHF43B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
More results

Similar Description - RHF43B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UA748 STMICROELECTRONICS-UA748 Datasheet
115Kb / 8P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-1997
UA748 STMICROELECTRONICS-UA748_01 Datasheet
156Kb / 7P
PRECISION SINGLE OPERATIONAL AMPLIFIER
Dec-2001
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
New Japan Radio
NJMOP177 NJRC-NJMOP177 Datasheet
1Mb / 18P
Single Precision Operational Amplifier
logo
Texas Instruments
OPA4277-SP TI-OPA4277-SP_19 Datasheet
479Kb / 25P
Radiation Hardened High-Precision Operational Amplifier
logo
Renesas Technology Corp
ISL70227SEH RENESAS-ISL70227SEH Datasheet
1Mb / 18P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
ISL70227SRH RENESAS-ISL70227SRH Datasheet
1Mb / 14P
36V Radiation Hardened Dual Precision Operational Amplifier
July 18, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com