Electronic Components Datasheet Search
  English  ▼

X  

ADP5520 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5520
Description  Backlight Driver with I/O Expander
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5520 Datasheet(HTML) 3 Page - Analog Devices

  ADP5520 Datasheet HTML 1Page - Analog Devices ADP5520 Datasheet HTML 2Page - Analog Devices ADP5520 Datasheet HTML 3Page - Analog Devices ADP5520 Datasheet HTML 4Page - Analog Devices ADP5520 Datasheet HTML 5Page - Analog Devices ADP5520 Datasheet HTML 6Page - Analog Devices ADP5520 Datasheet HTML 7Page - Analog Devices ADP5520 Datasheet HTML 8Page - Analog Devices ADP5520 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
ADP5520
Rev. 0 | Page 3 of 40
SPECIFICATIONS
VBAT = 2.7 V to 4.8 V, TJ = −40°C to +125°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SUPPLY VOLTAGE
VBAT Input Voltage Range
VBAT
2.7
5.5
V
VDDIO Input Voltage Range
VVDDIO
1.8
3.32
V
Undervoltage Lockout Threshold
UVLOVBAT
VBAT falling
1.7
2.1
V
UVLOVBAT
VBAT rising
2.4
2.7
V
UVLOVDDIO
VDDIO falling
1.1
1.3
V
UVLOVDDIO
VDDIO rising
1.4
V
SW leakage
SWLEAKAGE
0.1
1
μA
SUPPLY CURRENT
Shutdown Current3
ISD
VDDIO = 0 V
0.1
1
μA
Standby Current4
ISTNBY
1.8 V ≤ VDDIO ≤ 3.3 V2,
nSTNBY = 0
25
45
μA
BACKLIGHT LED DRIVER (SW, BST)
Current Limit (Peak Inductor Current)
450
600
750
mA
Switch On Resistance
100
200
400
mΩ
Overvoltage Limit
24.5
27
29.5
V
Boost Startup Time
1
ms
BACKLIGHT LED CURRENT SINK (BL_SNK)
Full-Scale Backlight Current
26
30
32
mA
Backlight Current Ramp Rate
Fade timers disabled
0.3
mA/ms
AMBIENT LIGHT SENSOR (CMP_IN)
Full-Scale Current
BLFULLSCALE
0.7
1
1.2
mA
INPUT LOGIC LEVELS (SCL, SDA, nRST, C0, C1, C2, C3, R0, R1, R2, R3)5
Logic Low Input Voltage
VIL
1.8 V ≤ VDDIO ≤ 3.3 V2
0.3 × VDDIO
V
Logic High Input Voltage
VIH
1.8 V ≤ VDDIO ≤ 3.3 V2
0.7 × VDDIO
V
Input Leakage Current
VI-LEAKAGE
1.8 V ≤ VDDIO ≤ 3.3 V2
0.1
1
μA
INPUT LOGIC DEBOUNCE (nRST, C0, C1, C2, C3, R0, R1, R2, R3)6
VIL-DBNC
50
75
100
μs
PUSH-PULL OUTPUT LOGIC LEVELS (C0, C1, C2, C3, R0, R1, R2, R3)7
Logic Low Output Voltage
VOL
ISINK = 1 mA
0.4
V
Logic High Output Voltage
VOH
ISOURCE = 1 mA
VDDIO − 0.2
V
OPEN-DRAIN OUTPUT LOGIC LEVELS (nINT, SDA)
Logic Low Output Voltage
VOL
ISINK = 1 mA
0.4
V
Logic High Leakage Current
VOH-LEAKAGE
1.8 V ≤ VDDIO ≤ 3.3 V2
0.1
1
μA
AUX LED CURRENT SINK (ILED, C3, R3)8
Leakage
LEDLEAKAGE
Sink disabled
0.1
1
μA
Full-scale Current Sink
LEDFULLSCALE
Applied pin voltage = 1 V
10.5
14
16.5
mA
GPIO PULL-UP RESISTANCE (C0, C1, C2, C3, R0, R1, R2, R3)9
50
65
80
kΩ
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TS
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSHYS
TJ falling
10
°C
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). Typical values are at TA = 25⁰C, VBAT = 3.6 V.
2 3.3 V or VBAT, whichever is smaller.
3 Internal LDO powered down, digital blocks inactive, I2C inactive, boost inactive.
4 Internal LDO powered up, digital blocks active, I2C active, boost inactive.
5 C0, C1, C2, C3, R0, R1, R2, and R3 are configured as digital inputs.
6 C0, C1, C2, C3, R0, R1, R2, and R3 are configured as digital inputs, with debounce enabled.
7 C0, C1, C2, C3, R0, R1, R2, and R3 are configured as digital outputs.
8 C3 and R3 are configured as digital inputs with pull-up.
9 C0, C1, C2, C3, R0, R1, R2, and R3 are configured as digital inputs with pull-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com