Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR9TCRE Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST72F321BAR9TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR9TCRE Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST72F321BAR9TCRE Datasheet HTML 107Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 108Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 109Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 110Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 111Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 112Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 113Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 114Page - STMicroelectronics ST72F321BAR9TCRE Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 247 page
background image
ST72321Bxxx-Auto
16-bit timer
111/247
If the timer clock is an external clock, the formula is:
Where:
∆t
= Output compare period (in seconds)
fCPU
= External timer clock frequency (in hertz)
Clearing the output compare interrupt request (that is, clearing the OCFi bit) is done by:
1.
Reading the SR register while the OCFi bit is set
2.
An access (read or write) to the OCiLR register
The following procedure is recommended to prevent the OCFi bit from being set between
the time it is read and the write to the OCiR register:
●
Write to the OCiHR register (further compares are inhibited).
●
Read the SR register (first step of the clearance of the OCFi bit, which may be already
set).
●
Write to the OCiLR register (enables the output compare function and clears the OCFi
bit).
Note:
1
After a processor write cycle to the OCiHR register, the output compare function is inhibited
until the OCiLR register is also written.
2
If the OCiE bit is not set, the OCMPi pin is a general I/O port and the OLVLi bit will not
appear when a match is found but an interrupt could be generated if the OCIE bit is set.
3
In both internal and external clock modes, OCFi and OCMPi are set while the counter value
equals the OCiR register value (see Figure 49 on page 112 for an example with fCPU/2 and
Figure 50 on page 112 for an example with fCPU/4). This behavior is the same in OPM or
PWM mode.
4
The output compare functions can be used both for generating external events on the
OCMPi pins even if the input capture mode is also used.
5
The value in the 16-bit OCiR register and the OLVi bit should be changed after each
successful comparison in order to control an output waveform or establish a new elapsed
timeout.
13.3.5
Forced compare output capability
When the FOLVi bit is set by software, the OLVLi bit is copied to the OCMPi pin. The OLVi bit
has to be toggled in order to toggle the OCMPi pin when it is enabled (OCiE bit = 1). The
OCFi bit is then not set by hardware, and thus no interrupt request is generated.
The FOLVLi bits have no effect in both one pulse mode and PWM mode.
∆ OCiR = ∆t
* fEXT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com