Electronic Components Datasheet Search
  English  ▼

X  

STP5N120 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP5N120
Description  N-channel 1200V - 2.8Ω - 4.4A - TO-220 Zener - protected SuperMESHTM Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5N120 Datasheet(HTML) 1 Page - STMicroelectronics

  STP5N120 Datasheet HTML 1Page - STMicroelectronics STP5N120 Datasheet HTML 2Page - STMicroelectronics STP5N120 Datasheet HTML 3Page - STMicroelectronics STP5N120 Datasheet HTML 4Page - STMicroelectronics STP5N120 Datasheet HTML 5Page - STMicroelectronics STP5N120 Datasheet HTML 6Page - STMicroelectronics STP5N120 Datasheet HTML 7Page - STMicroelectronics STP5N120 Datasheet HTML 8Page - STMicroelectronics STP5N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TARGET SPECIFICATION
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
May 2007
Rev 1
1/10
10
STP5N120
N-channel 1200V - 2.8
Ω - 4.4A - TO-220
Zener - protected SuperMESH™ Power MOSFET
Features
■ 100% avalanche tested
■ Extremely high dv/dt capability
■ ESD improved capability
■ New high voltage benchmark
■ Gate charge minimized
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Such series complements ST full range of high
voltage Power MOSFETs.
Application
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
PW
STP5N120
1200V
< 3.5
Ω
4.4A
160W
TO-220
1
2
3
www.st.com
Order code
Part number
Marking
Package
Packaging
STP5N120
5N120
TO-220
Tube


Similar Part No. - STP5N120

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP5N120 ISC-STP5N120 Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP5N120

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP2NK90Z STMICROELECTRONICS-STP2NK90Z Datasheet
389Kb / 13P
N-CHANNEL 900V-5W-2.1A TO-220/DPAK/IPAK Zener-Protected SuperMESHTM MOSFET
30-Sep-2004
STP1N120 STMICROELECTRONICS-STP1N120 Datasheet
136Kb / 10P
channel 1200V - 30廓 - 500mA - TO-220 Zener - protected SuperMESH??Power MOSFET
14-Sep-2006
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
N-channel 600V - 0.45Ω - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESH™ Power MOSFET
26-Jul-2006
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_06 Datasheet
452Kb / 15P
N-channel 800V - 0.78廓 - 9A - TO-220/FP-TO-247 Zener-protected superMESHTM MOSFET
10-Mar-2006
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
N-channel 520V - 1.22Ω - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
23-Mar-2006
STB5NK50Z STMICROELECTRONICS-STB5NK50Z_05 Datasheet
452Kb / 17P
N-CHANNEL 500V - 1.22Ω - 4.4A TO-220/FP-D/IPAK-D2/I2PAK Zener-Protected SuperMESH™MOSFET
06-Sep-2005
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_07 Datasheet
421Kb / 16P
N-channel 400V - 0.49Ω - 9A TO-220 - TO-220FP - D2PAK Zener-protected SuperMESHTM Power MOSFET
18-Jan-2007
STB11NK50Z STMICROELECTRONICS-STB11NK50Z_08 Datasheet
415Kb / 16P
N-channel 500 V, 0.48 Ω , 10 A TO-220, TO-220FP, D2PAK Zener-protected SuperMESHTM Power MOSFET
29-Apr-2008
STB11NK40Z STMICROELECTRONICS-STB11NK40Z_09 Datasheet
507Kb / 17P
N-channel 400 V, 0.49 Ω, 9 A, TO-220, TO-220FP, D2PAK Zener-protected SuperMESH™ Power MOSFET
20-Apr-2009
STF13NK50Z STMICROELECTRONICS-STF13NK50Z Datasheet
522Kb / 15P
N-channel 500 V, 0.40 Ω, 11 A TO-220, TO-220FP, TO-247 Zener-protected SuperMESH™ Power MOSFET
19-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com