Electronic Components Datasheet Search
  English  ▼

X  

L6219 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6219
Description  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6219_08 Datasheet HTML 8Page - STMicroelectronics L6219_08 Datasheet HTML 9Page - STMicroelectronics L6219_08 Datasheet HTML 10Page - STMicroelectronics L6219_08 Datasheet HTML 11Page - STMicroelectronics L6219_08 Datasheet HTML 12Page - STMicroelectronics L6219_08 Datasheet HTML 13Page - STMicroelectronics L6219_08 Datasheet HTML 14Page - STMicroelectronics L6219_08 Datasheet HTML 15Page - STMicroelectronics L6219_08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
L6219
14/16
Figure 7.
PDIP24 mechanical data and package dimensions
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.320
0.170
A1
0.380
0.015
A2
3.300
0.130
B
0.410
0.460
0.510
0.016
0.018
0.020
B1
1.400
1.520
1.650
0.055
0.060
0.065
c
0.200
0.250
0.300
0.008
0.010
0.012
D
31.62
31.75
31.88
1.245
1.250
1.255
E
7.620
8.260
0.300
0.325
e
2.54
0.100
E1
6.350
6.600
6.860
0.250
0.260
0.270
e1
7.620
0.300
L
3.180
3.430
0.125
0.135
M
0˚ min, 15˚ max.
PDIP 24 (0.300")
A1
B
e
B1
D
13
12
24
1
L
A
e1
A2
c
E1
SDIP24L
M
0034965 D
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com