Electronic Components Datasheet Search
  English  ▼

X  

L6219 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6219
Description  Stepper motor driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6219_08 Datasheet HTML 8Page - STMicroelectronics L6219_08 Datasheet HTML 9Page - STMicroelectronics L6219_08 Datasheet HTML 10Page - STMicroelectronics L6219_08 Datasheet HTML 11Page - STMicroelectronics L6219_08 Datasheet HTML 12Page - STMicroelectronics L6219_08 Datasheet HTML 13Page - STMicroelectronics L6219_08 Datasheet HTML 14Page - STMicroelectronics L6219_08 Datasheet HTML 15Page - STMicroelectronics L6219_08 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
L6219
Revision history
15/16
5
Revision history
Table 7.
Document revision history
Date
Revision
Changes
30-Oct-2001
7
First Issue on the EDOCS DMS.
11-May-2005
8
Changed the look & feel layout.
Modified Table 6 on page 9.
14-Sep-2005
9
Change in the Features sections:
“Wide voltage range 10 V to 46 V”
“Output current up to 750 mA each winding”.
19-Dec-2005
10
Corrected in the Table 5 the max. value of the “VREF” parameter from
2 V to 7.5 V.
28-Mar-2006
11
Corrected ISS(ON) values in the Table 5.
18-Mar-2008
12
Document reformatted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com