Electronic Components Datasheet Search
  English  ▼

X  

M3004LDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # M3004LDT
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M3004LDT Datasheet HTML 2Page - STMicroelectronics M3004LDT Datasheet HTML 3Page - STMicroelectronics M3004LDT Datasheet HTML 4Page - STMicroelectronics M3004LDT Datasheet HTML 5Page - STMicroelectronics M3004LDT Datasheet HTML 6Page - STMicroelectronics M3004LDT Datasheet HTML 7Page - STMicroelectronics M3004LDT Datasheet HTML 8Page - STMicroelectronics M3004LDT Datasheet HTML 9Page - STMicroelectronics M3004LDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M3004LD
6/14
Table 5. Absolute Maximum Ratings (Tcase = 25°C)
Note: Stresses in excess of those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions in excess of those indicated in the operational sec-
tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reli-
ability.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage Range
–0.3 to +7
V
VI
Input Voltage Range
–0.3 to (VDD + 0.3)
V
VO
Output Voltage Range
–0.3 to (VDD + 0.3)
V
± I
D.C. Current into Any Input or Output
Max 10
mA
– I (REMO) M
Peak REMO Output Current during 10µs, Duty Factor = 1%
Max 300
mA
PTOT
Power Dissipation per Package for TA = –20 to +70°C
Max 200
mW
TSTG
Storage Temperature Range
–55 to +125
°C
TA
Operating Ambient Temperature Range
–20 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com