Electronic Components Datasheet Search
  English  ▼

X  

M3004LDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # M3004LDT
Description  REMOTE CONTROL TRANSMITTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M3004LDT Datasheet(HTML) 4 Page - STMicroelectronics

  M3004LDT Datasheet HTML 1Page - STMicroelectronics M3004LDT Datasheet HTML 2Page - STMicroelectronics M3004LDT Datasheet HTML 3Page - STMicroelectronics M3004LDT Datasheet HTML 4Page - STMicroelectronics M3004LDT Datasheet HTML 5Page - STMicroelectronics M3004LDT Datasheet HTML 6Page - STMicroelectronics M3004LDT Datasheet HTML 7Page - STMicroelectronics M3004LDT Datasheet HTML 8Page - STMicroelectronics M3004LDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M3004LD
4/14
Table 1. Pulse Train Timing
Note: The following number of pulses may be selected by Metal option: N= 8, 12, 16.
The different dividing ratio for TO and tW between flash mode and carrier mode is obtained by changing the modulo of a particular
divider from divide by 3 during flash mode to divide by 4 during carrier mode. This allows the use of a 600kHz ceramic resonator during
carrier mode to obtain a better noise immunity for the receiver without a significant change in TO and tW. For first samples, the correct
divider ration is obtained by a metal mask option. For final parts, this is automatically done together with the selection of flash-/carrier
mode.
Table 2. Pulse Train Separation (tb)
Mode
TO (ms)
tP (µs)
tM (µs)
tML (µs)
tMH (µs)
tW (ms)
Flashed
2.53
8.8
-
-
-
121
Modulated
2.53
-
26.4
17.6
8.8
121
fOSC
455kHz
tOSC = 2.2ms
tP
4 x tOSC
Flashed Pulse Width
tM
12 x tOSC
Modulation Period
tML
8 x tOSC
Modulation Period Low
tMH
4 x tOSC
Modulation Period High
tW
55296 x tOSC
Word Distance
TO
1152 x t OSCb
Basic Unit of Pulse Distance
Code
tb
Logic ”0”
2 x TO
Logic ”1”
3 x TO
Toggle Bit Time
2 x TO or 3 x TO
Reference Time
3 x TO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com