Electronic Components Datasheet Search
  English  ▼

X  

STA8058 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA8058 Datasheet HTML 2Page - STMicroelectronics STA8058 Datasheet HTML 3Page - STMicroelectronics STA8058 Datasheet HTML 4Page - STMicroelectronics STA8058 Datasheet HTML 5Page - STMicroelectronics STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics STA8058 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Pin description
STA8058
6/14
2.2
System block diagram
Figure 2.
STA8058 Teseo Baseband block diagram
APB
BRIDGE3
5 DP
256K
Flash
ARM7TD
MI
64KRAM
STC
(JTAG)
INTERRUPT
CONTR.
12-bit
ADC
TIMER0
WATCH
DOG
Fully Prog.
I/O PORTS
5 DP
UART0
4 AF
APB
BRIDGE2
1 DP
2 AF
32 IO
TIMER1
4 AF
RTC
2 DP
UART1
UART2
UART3
2 AF
2 AF
2 AF
2 AF
HPGPS 16-ch.
correlator +
Emerald DSP
[USB]
3 DP
HDLC
3 AF
Wakeup
16 AF
OSCILL
[CAN]
2 AF
VREG
3 DP
RCCU
PLL
I2C0
2 AF
I2C1
2 AF
APB
BRIDGE1
SPI0
4 AF
TIMER2
2 AF
TIMER3
4 AF
3 DP
SPI1
4 AF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com