Electronic Components Datasheet Search
  English  ▼

X  

STA8058 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA8058
Description  Teseo??high performance GPS multi chip module (MCM)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8058 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA8058 Datasheet HTML 6Page - STMicroelectronics STA8058 Datasheet HTML 7Page - STMicroelectronics STA8058 Datasheet HTML 8Page - STMicroelectronics STA8058 Datasheet HTML 9Page - STMicroelectronics STA8058 Datasheet HTML 10Page - STMicroelectronics STA8058 Datasheet HTML 11Page - STMicroelectronics STA8058 Datasheet HTML 12Page - STMicroelectronics STA8058 Datasheet HTML 13Page - STMicroelectronics STA8058 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Pin description
STA8058
10/14
Note:
V33 and V33IO-PLL are all internally connected. Same for VSS and VSSIO-PLL.
All VSS, VSS18, VSSBKP, AVSS,VSSRF,VSSRF_A and VSSRF_IO pins must be tied together to the
common ground plane, taking care of noise filtering, especially on AVSS ,VSSRF , VSSRF_A
and VSSRF_IO
VSSBKP
-
Digital ground for backup logic
B4
AVDD
-
Analog supply voltage for the A/D converter
A3
AVSS
-
Analog supply ground for the A/D converter
A2
V27RF
-
Analog supply voltage for RF chain (2.7V)
C13,G10,G11,G12,H
12
V27PLL
-
Analog supply voltage for PLL embedded into RF part (2.7V)
B11,B12,B13,C12
VSSRF
-
Analog supply ground for RF core
A13,C11,D11,D13,
E11,E12,F11,F12,
G13,H13
VSSRF_A
-
Analog supply ground for RF amplifier
D13, F13
VSSRF_IO
-
Analog supply ground for RF IO circuirty
H10
Table 3.
Power supply pins (continued)
Symbol
I/O
Function
LFBGA104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com