Electronic Components Datasheet Search
  English  ▼

X  

LM3S600 Datasheet(PDF) 39 Page - Bookham, Inc.

Part # LM3S600
Description  Microcontroller
PDF  378 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LM3S600 Datasheet(HTML) 39 Page - Bookham, Inc.

Back Button LM3S600 Datasheet HTML 35Page - Bookham, Inc. LM3S600 Datasheet HTML 36Page - Bookham, Inc. LM3S600 Datasheet HTML 37Page - Bookham, Inc. LM3S600 Datasheet HTML 38Page - Bookham, Inc. LM3S600 Datasheet HTML 39Page - Bookham, Inc. LM3S600 Datasheet HTML 40Page - Bookham, Inc. LM3S600 Datasheet HTML 41Page - Bookham, Inc. LM3S600 Datasheet HTML 42Page - Bookham, Inc. LM3S600 Datasheet HTML 43Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 378 page
background image
5.1
Block Diagram
Figure 5-1. JTAG Module Block Diagram
Instruction Register (IR)
TAP Controller
BYPASS Data Register
Boundary Scan Data Register
IDCODE Data Register
ABORT Data Register
DPACC Data Register
APACC Data Register
TRST
TCK
TMS
TDI
TDO
Cortex-M3
Debug
Port
5.2
Functional Description
A high-level conceptual drawing of the JTAG module is shown in Figure 5-1 on page 39. The JTAG
module is composed of the Test Access Port (TAP) controller and serial shift chains with parallel
update registers. The TAP controller is a simple state machine controlled by the TRST, TCK and
TMS
inputs. The current state of the TAP controller depends on the current value of TRST and the
sequence of values captured on TMS at the rising edge of TCK. The TAP controller determines when
the serial shift chains capture new data, shift data from TDI towards TDO, and update the parallel
load registers. The current state of the TAP controller also determines whether the Instruction
Register (IR) chain or one of the Data Register (DR) chains is being accessed.
The serial shift chains with parallel load registers are comprised of a single Instruction Register (IR)
chain and multiple Data Register (DR) chains. The current instruction loaded in the parallel load
register determines which DR chain is captured, shifted, or updated during the sequencing of the
TAP controller.
Some instructions, like EXTEST and INTEST, operate on data currently in a DR chain and do not
capture, shift, or update any of the chains. Instructions that are not implemented decode to the
BYPASS instruction to ensure that the serial path between TDI and TDO is always connected (see
Table 5-2 on page 44 for a list of implemented instructions).
See “JTAG and Boundary Scan” on page 353 for JTAG timing diagrams.
39
October 01, 2007
Preliminary
LM3S600 Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com