Electronic Components Datasheet Search
  English  ▼

X  

STV9379A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9379A
Description  VERTICAL DEFLECTION BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379A Datasheet(HTML) 1 Page - STMicroelectronics

  STV9379A Datasheet HTML 1Page - STMicroelectronics STV9379A Datasheet HTML 2Page - STMicroelectronics STV9379A Datasheet HTML 3Page - STMicroelectronics STV9379A Datasheet HTML 4Page - STMicroelectronics STV9379A Datasheet HTML 5Page - STMicroelectronics STV9379A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
September 2003
1/6
Version 4.2
STV9379A
VERTICAL DEFLECTION BOOSTER
FEATURES
s
Power Amplifier
s
Flyback Generator
s
Thermal Protection
s
Output Current up to 2.6 App
s
Flyback Voltage up to 90V (on pin 5)
s
Suitable for DC Coupling Application
DESCRIPTION
Designed for monitors and high performance TVs,
the STV9379A vertical deflection booster delivers
flyback voltages close to 90V.
The STV9379A operates with supplies up to 42V
and provides up to 2.6 APP output current to drive
the yoke.
The STV9379A is inserted in HEPTAWATT
package.
PACKAGE
PIN CONNECTION
HEPTAWATT
(Plastic Package)
ORDER CODE: STV9379A
Non-inverting Input
Output Stage Supply
Output
GND or Negative Supply
Flyback Generator
Supply Voltage
Tab connected to Pin 4
Inverting Input
1


Similar Part No. - STV9379A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9379A STMICROELECTRONICS-STV9379A Datasheet
43Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
More results

Similar Description - STV9379A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
STV9379A STMICROELECTRONICS-STV9379A Datasheet
43Kb / 5P
VERTICAL DEFLECTION BOOSTER
Aug-1998
TDA8171 STMICROELECTRONICS-TDA8171 Datasheet
72Kb / 4P
VERTICAL DEFLECTION BOOSTER
Dec-1998
TDA9309 STMICROELECTRONICS-TDA9309 Datasheet
62Kb / 6P
VERTICAL DEFLECTION BOOSTER
Nov-1996
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
Vertical deflection booster
2003 Oct 31
logo
STMicroelectronics
STV9378F STMICROELECTRONICS-STV9378F Datasheet
57Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
VERTICAL DEFLECTION BOOSTER
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
VERTICAL DEFLECTION BOOSTER
29-Mar-2005
STV9378 STMICROELECTRONICS-STV9378 Datasheet
51Kb / 5P
VERTICAL DEFLECTION BOOSTER
Jul-1994
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com