Electronic Components Datasheet Search
  English  ▼

X  

STV9379A Datasheet(PDF) 2 Page - STMicroelectronics

Part # STV9379A
Description  VERTICAL DEFLECTION BOOSTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9379A Datasheet(HTML) 2 Page - STMicroelectronics

  STV9379A Datasheet HTML 1Page - STMicroelectronics STV9379A Datasheet HTML 2Page - STMicroelectronics STV9379A Datasheet HTML 3Page - STMicroelectronics STV9379A Datasheet HTML 4Page - STMicroelectronics STV9379A Datasheet HTML 5Page - STMicroelectronics STV9379A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STV9379A
2/6
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Note 1:Versus Pin 4.
Note 2:The output current can reach 5A peak for t
≤ 10µs (up to 120Hz)
Note 3:Provided SOAR is respected (see Figures 2 and 3).
THERMAL DATA
Figure 1. STV9379A block diagram
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pin 2) (Note 1)50
V
V6
Flyback Peak Voltage (Pin 6) (Note 1)100
V
V1,V7
Amplifier Input Voltage (Pins 1-7) (Note 1)
-0.3, + VS
V
IO
Maximum Output Peak Current (Note 2, Note 3)1.8
A
I3
Maximum Sink Current (first part of flyback) (t < 1ms)
1.8
A
I3
Maximum Source Current (t < 1ms) (Note 2)1.8
A
VESD
ESD Susceptibility: EIAJ Norm (200pF discharged through 0
Ω)300
V
Toper
Operating Ambient Temperature
-20, +75
°C
Tstg
Storage Temperature
-40, +150
°C
Tj
Junction Temperature
+ 150
°C
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-Case Thermal Resistance Max.
3
°C/W
Tt
Temperature for Thermal Shutdown
150
°C
∆T
t
Hysteresis on Tt
10
°C
Tjr
Recommended Max. Junction Temperature
120
°C
Flyback
generator
Thermal
protection
Power
amplifier
-
+
5
7
1
2
3
Output
Flyback generator
Output stage supply
Inverting input
Non-inverting input
Ground or negative supply
4
STV9379A
Supply voltage
6
1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com