Electronic Components Datasheet Search
  English  ▼

X  

SA612AD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA612AD
Description  Double-balanced mixer and oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612AD Datasheet(HTML) 2 Page - NXP Semiconductors

  SA612AD Datasheet HTML 1Page - NXP Semiconductors SA612AD Datasheet HTML 2Page - NXP Semiconductors SA612AD Datasheet HTML 3Page - NXP Semiconductors SA612AD Datasheet HTML 4Page - NXP Semiconductors SA612AD Datasheet HTML 5Page - NXP Semiconductors SA612AD Datasheet HTML 6Page - NXP Semiconductors SA612AD Datasheet HTML 7Page - NXP Semiconductors SA612AD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1990 Sep 17
2
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Maximum operating voltage
9
V
TSTG
Storage temperature
-65 to +150
°C
TA
Operating ambient temperature range
NE
SA
0 to +70
-40 to +85
°C
AC/DC ELECTRICAL CHARACTERISTICS
TA=25°C, VCC = 6V, Figure 3
SYMBOL
PARAMETER
TEST CONDITION
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITION
Min
Typ
Max
UNIT
VCC
Power supply voltage range
4.5
8.0
V
DC current drain
2.4
3.0
mA
fIN
Input signal frequency
500
MHz
fOSC
Oscillator frequency
200
MHz
Noise figured at 45MHz
5.0
dB
Third-order intercept point at 45MHz
RFIN=-45dBm
-13
dBm
Conversion gain at 45MHz
14
17
dB
RIN
RF input resistance
1.5
k
Ω
CIN
RF input capacitance
3
pF
Mixer output resistance
(Pin 4 or 5)
1.5
k
Ω
DESCRIPTION OF OPERATION
The NE/SA612A is a Gilbert cell, an oscillator/buffer, and a
temperature compensated bias network as shown in the equivalent
circuit. The Gilbert cell is a differential amplifier (Pins 1 and 2) which
drives a balanced switching cell. The differential input stage
provides gain and determines the noise figure and signal handling
performance of the system.
The NE/SA612A is designed for optimum low power performance.
When used with the NE614A as a 45MHz cordless phone/cellular
radio 2nd IF and demodulator, the NE/SA612A is capable of
receiving -119dBm signals with a 12dB S/N ratio. Third-order
intercept is typically -15dBm (that’s approximately +5dBm output
intercept because of the RF gain). The system designer must be
cognizant of this large signal limitation. When designing LANs or
other closed systems where transmission levels are high, and
small-signal or signal-to-noise issues not critical, the input to the
NE/SA612A should be appropriately scaled.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com