Electronic Components Datasheet Search
  English  ▼

X  

SA612AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA612AD
Description  Double-balanced mixer and oscillator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA612AD Datasheet(HTML) 3 Page - NXP Semiconductors

  SA612AD Datasheet HTML 1Page - NXP Semiconductors SA612AD Datasheet HTML 2Page - NXP Semiconductors SA612AD Datasheet HTML 3Page - NXP Semiconductors SA612AD Datasheet HTML 4Page - NXP Semiconductors SA612AD Datasheet HTML 5Page - NXP Semiconductors SA612AD Datasheet HTML 6Page - NXP Semiconductors SA612AD Datasheet HTML 7Page - NXP Semiconductors SA612AD Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
NE/SA612A
Double-balanced mixer and oscillator
1990 Sep 17
3
TEST CONFIGURATION
8
7
6
5
4
3
2
1
OUTPUT
150pF
330pF
120pF
1.5 to
100nF
220pF
INPUT
47pF
22pF
1nF
100nF
10nF
VCC
6.8
µF
5.5
µH
0.209 to
0.283
µH
44.2
µH
10pF
34.545MHz THIRD OVERTONE CRYSTAL
612A
0.5 to 1.3
µH
SR00101
Figure 3. Test Configuration
1
2
3
4
5
6
7
8
GND
BUFFER
1.5k
BIAS
BIAS
BIAS
1.5k
1.5k
1.5k
VCC
18k
25k
SR00102
Figure 4. Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com