Electronic Components Datasheet Search
  English  ▼

X  

TDA1771 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA1771
Description  VERTICAL DEFLECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1771 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA1771_03 Datasheet HTML 1Page - STMicroelectronics TDA1771_03 Datasheet HTML 2Page - STMicroelectronics TDA1771_03 Datasheet HTML 3Page - STMicroelectronics TDA1771_03 Datasheet HTML 4Page - STMicroelectronics TDA1771_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TDA1771
3/5
ELECTRICAL CHARACTERISTICS (Tamb = 25°C unless otherwise specified)
APPLICATION CIRCUIT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DC (VS = 24V)
VS
Operating Supply Voltage Range
10
30
V
I1
Peak-to-peak Operating Current Range
0.4
2.5
A
IS
Supply Current
IY = 2.4App
315
mA
V1
Flyback Voltage
IY = 2.4App
51
V
V7
Sawtooh Pedestall Voltage
1.85
V
TJS
Junction Temp. for Thermal Shutdown
145
°C
FLYBACK
GENERATOR
THERMAL
PROTECTION
RAMP
GENERATOR
BUFFER
STAGE
VOLTAGE
REGULATOR
POWER
AMP.
10
2
1
9
3
46
7
8
5
R3
CLOCK
PULSE
YOKE
1500
µF
TRIGGER IN
+V
S
1N4001
35V
47nF
220k
Ω
330
Ω
2.2
Ω
0.1
µF470µF
0.22
µF
180k
Ω
2.4k
Ω
100
µF
1k
Ω
22
µF
1.2k
Ω
1.2
Ω
Ry = 9.6
Ω
Ly = 24.6mH
Iy = 1.2App
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com