Electronic Components Datasheet Search
  English  ▼

X  

TDA1771 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1771
Description  VERTICAL DEFLECTION CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1771 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1771_03 Datasheet HTML 1Page - STMicroelectronics TDA1771_03 Datasheet HTML 2Page - STMicroelectronics TDA1771_03 Datasheet HTML 3Page - STMicroelectronics TDA1771_03 Datasheet HTML 4Page - STMicroelectronics TDA1771_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TDA1771
4/5
PACKAGE MECHANICAL DATA
10 PINS - PLASTIC SIP
Figure 3. 10-Pin Plastic Single in Line Package
B
e3
D
b1
C
b3
N
e
c2
c1
1
10
M
Dim.
mm
inches
Min
Typ
Max
Min
Typ
Max
A
7.1
0.280
a1
2.7
3
0.106
0.118
B
24.8
0.976
b1
0.5
0.020
b3
0.85
1.5
0.033
0.063
C
3.3
0.130
c1
0.43
0.017
c2
1.32
0.052
D
23.7
0.933
d1
14.5
0.571
e
2.54
0.100
e3
22.86
0.900
L
3.1
0.122
L1
3
0.118
L2
17.6
0.693
L3
0.25
0.010
M
3.2
0.126
N
1
0.039
Number of Pins
10
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com