Electronic Components Datasheet Search
  English  ▼

X  

AD9115-EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD9115-EBZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9115-EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9115-EBZ Datasheet HTML 18Page - Analog Devices AD9115-EBZ Datasheet HTML 19Page - Analog Devices AD9115-EBZ Datasheet HTML 20Page - Analog Devices AD9115-EBZ Datasheet HTML 21Page - Analog Devices AD9115-EBZ Datasheet HTML 22Page - Analog Devices AD9115-EBZ Datasheet HTML 23Page - Analog Devices AD9115-EBZ Datasheet HTML 24Page - Analog Devices AD9115-EBZ Datasheet HTML 25Page - Analog Devices AD9115-EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD9114/AD9115/AD9116/AD9117
Rev. 0 | Page 22 of 48
0.025
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
–0.025
0
32
64
96
128
160
192
224
256
CODE
Figure 36. AD9114 Precalibration DNL at 3.3 V, 20 mA
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–1.0
–0.8
0
CODE
128
256
384
512
640
768
896
1024
Figure 37. AUXDAC INL
–68
–70
–72
–74
–76
–82
15
20
25
30
35
40
45
fOUT (MHz)
–78
–80
FIRST ADJ CH
THIRD ADJ CH
SECOND ADJ CH
Figure 38. AD9117 Close In ACLR at 3.3 V, 20 mA
0.025
0.020
0.015
0.010
0.005
0
–0.005
–0.010
–0.015
–0.020
–0.025
032
64
96
128
CODE
160
192
224
256
Figure 39. AD9114 Postcalibration DNL at 3.3 V, 20 mA
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.5
–0.4
0
CODE
128
256
384
512
640
768
896
1024
Figure 40. AUXDAC DNL
–75
–70
–65
–60
15
20
25
30
35
40
45
fOUT (MHz)
4mA
8mA
Figure 41. AD9117 1-Carrier W-CDMA First Adjacent Channel ACLR 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com