Electronic Components Datasheet Search
  English  ▼

X  

A25L080-NF Datasheet(PDF) 37 Page - AMIC Technology

Part # A25L080-NF
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080-NF Datasheet(HTML) 37 Page - AMIC Technology

Back Button A25L080-NF Datasheet HTML 33Page - AMIC Technology A25L080-NF Datasheet HTML 34Page - AMIC Technology A25L080-NF Datasheet HTML 35Page - AMIC Technology A25L080-NF Datasheet HTML 36Page - AMIC Technology A25L080-NF Datasheet HTML 37Page - AMIC Technology A25L080-NF Datasheet HTML 38Page - AMIC Technology A25L080-NF Datasheet HTML 39Page - AMIC Technology A25L080-NF Datasheet HTML 40Page - AMIC Technology A25L080-NF Datasheet HTML 41Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
36
AMIC Technology Corp.
Part Numbering Scheme
A25 XX
Package Type
Blank = DIP8
M = 209 mil SOP 8
N = 300 mil SOP 16
Device Voltage
L = 2.7-3.6V
Device Version*
Blank = The first version
Device Type
A25 = AMIC Serial Flash
Device Density
512 = 512 Kbit (4KB uniform sectors)
010 = 1 Mbit (4KB uniform sectors)
020 = 2 Mbit (4KB uniform sectors)
040 = 4 Mbit (4KB uniform sectors)
080 = 8 Mbit (4KB uniform sectors)
016 = 16 Mbit (4KB uniform sectors)
032 = 32 Mbit (4KB uniform sectors)
X
Package Material
Blank: normal
F: PB free
X
* Optional
X
XXX
Temperature*
Blank = 0°C ~ +70°C
U = -40°C ~ +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com