Electronic Components Datasheet Search
  English  ▼

X  

A25L080-NF Datasheet(PDF) 41 Page - AMIC Technology

Part # A25L080-NF
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080-NF Datasheet(HTML) 41 Page - AMIC Technology

Back Button A25L080-NF Datasheet HTML 33Page - AMIC Technology A25L080-NF Datasheet HTML 34Page - AMIC Technology A25L080-NF Datasheet HTML 35Page - AMIC Technology A25L080-NF Datasheet HTML 36Page - AMIC Technology A25L080-NF Datasheet HTML 37Page - AMIC Technology A25L080-NF Datasheet HTML 38Page - AMIC Technology A25L080-NF Datasheet HTML 39Page - AMIC Technology A25L080-NF Datasheet HTML 40Page - AMIC Technology A25L080-NF Datasheet HTML 41Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
40
AMIC Technology Corp.
Package Information
SOP 16L (300mil) Outline Dimensions
unit: inches/mm
8
1
16
9
L
θ
SEATING PLANE
b
D
0.10
C
e
C
o
Dimensions in inch
Dimensions in mm
Symbol
Min
Max
Min
Max
A
0.093
0.104
2.36
2.65
A1
0.004
0.012
0.10
0.30
b
0.016 Typ.
0.41 Typ.
C
0.008 Typ.
0.20 Typ.
D
0.398
0.413
10.10
10.50
E
0.291
0.299
7.39
7.60
e
0.050 Typ.
1.27 Typ.
H
0.394
0.419
10.01
10.64
L
0.016
0.050
0.40
1.27
θ
0°
8°
0°
8°
Notes:
1. Dimensions “D” does not include mold flash, protrusions or
gate burrs.
2. Dimensions “E” does not include interlead flash, or protrusions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com