Electronic Components Datasheet Search
  English  ▼

X  

PCM1681 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1681
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1681 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM1681 Datasheet HTML 17Page - Texas Instruments PCM1681 Datasheet HTML 18Page - Texas Instruments PCM1681 Datasheet HTML 19Page - Texas Instruments PCM1681 Datasheet HTML 20Page - Texas Instruments PCM1681 Datasheet HTML 21Page - Texas Instruments PCM1681 Datasheet HTML 22Page - Texas Instruments PCM1681 Datasheet HTML 23Page - Texas Instruments PCM1681 Datasheet HTML 24Page - Texas Instruments PCM1681 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
REGISTER WRITE OPERATION
MSB
0
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
D7
D6
D5
D4
D3
D2
D1
D0
0
0
LSB
Register Index (or Address)
Register Data
R0001-01
IDX0
D7
D6
D4
D5
D3
D2
D1
D0
0
MS
MC
MD
X
0
IDX6
X
IDX1
IDX2
IDX3
IDX4
IDX5
IDX6
X
T0048-01
PCM1681
PCM1681-Q1
www.ti.com.................................................................................................................................................... SLES211B – FEBRUARY 2008 – REVISED JUNE 2008
All write operations for the serial control port use 16-bit data words. Figure 25 shows the control data word
format. The most significant bit is a fixed 0 for the write operation. Seven bits, labeled IDX[6:0], set the register
index (or address) for the write operation. The least significant eight bits, D[7:0], contain the data to be written to
the register specified by IDX[6:0].
Figure 26 shows the functional timing diagram for writing to the serial control port. MS is held at a logic-1 state
until a register needs to be written. To start the register write cycle, MS is set to logic-0. 16 clock cycles are then
provided on MC, corresponding to the 16 bits of the control data word on MD. After completion of the 16th clock
cycle, MS is set to logic-1 to latch the data into the indexed mode control register.
Figure 25. Control Data Word Format for MD
Figure 26. Write Operation Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM1681 PCM1681-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com