Electronic Components Datasheet Search
  English  ▼

X  

PCM1681 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1681
Description  24-Bit, 192-kHz Sampling, Enhanced Multilevel Delta-Sigma, Eight-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1681 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1681 Datasheet HTML 1Page - Texas Instruments PCM1681 Datasheet HTML 2Page - Texas Instruments PCM1681 Datasheet HTML 3Page - Texas Instruments PCM1681 Datasheet HTML 4Page - Texas Instruments PCM1681 Datasheet HTML 5Page - Texas Instruments PCM1681 Datasheet HTML 6Page - Texas Instruments PCM1681 Datasheet HTML 7Page - Texas Instruments PCM1681 Datasheet HTML 8Page - Texas Instruments PCM1681 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ELECTRICAL CHARACTERISTICS
PCM1681
PCM1681-Q1
www.ti.com.................................................................................................................................................... SLES211B – FEBRUARY 2008 – REVISED JUNE 2008
All specifications at VCC = 5.0 V, VDD = 3.3 V, fS = 48 kHz, system clock = 512 fS, and 24-bit data, narrow o/s mode, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
24
Bits
DATA FORMAT
Right-justified, I2S,
Audio data interface format
left-justified, TDM
16-, 18-, 20-, or 24-bits,
Audio data bit length
selectable
Audio data format
MSB-first, 2s complement
fS
Sampling frequency
5
200
kHz
128, 192, 256, 384,
System clock frequency
512, 768, 1152 fS
DIGITAL INPUT/OUTPUT
Logic family
TTL compatible
VIH
(1)
2.0
VDD
VIL
(1)
0.8
Input logic level
VDC
VIH
(2)
2.0
5.5
VIL
(2)
0.8
IIH
(1) (2)
VIN = VDD
10
Input logic current
µA
IIL
(1) (2)
VIN = 0 V
–10
VOH
(3)
IOH = –1 mA
2.4
Output logic level
VDC
VOL
(3) (4)
IOL = 1 mA
0.4
DYNAMIC PERFORMANCE(5)
VOUT = 0 dB, fS = 48 kHz
0.002
0.008
VOUT = 0 dB, fS = 96 kHz, system clock = 256 fS
0.002
THD+N
Total harmonic distortion + noise
%
VOUT = 0 dB, fS = 192 kHz,
0.002
system clock = 128 fS
EIAJ, A-weighted, fS = 48 kHz
100
105
Dynamic range
A-weighted, fS = 96 kHz, system clock = 256 fS
105
dB
A-weighted, fS = 192 kHz, system clock = 128 fS
105
EIAJ, A-weighted, fS = 48 kHz
100
105
SNR
Signal-to-noise ratio
A-weighted, fS = 96 kHz, system clock = 256 fS
105
dB
A-weighted, fS = 192 kHz, system clock = 128 fS
105
fS = 48 kHz
94
102
Channel separation
fS = 96 kHz, system clock = 256 fS
102
dB
fS = 192 kHz, system clock = 128 fS
102
DC ACCURACY
Gain error
±2.0
±6
% of FSR
Gain mismatch,
±2.0
±6
% of FSR
channel-to-channel
Bipolar zero error
VOUT = 0.486 VCC at BPZ input
±30
±80
mV
(1)
Pins 1, 14: ZR1/ZR1/FMT0 (input mode), MSEL
(2)
Pins 2, 3, 4, 5, 6, 7, 8, 11, 12, 13: MS/ADR/FMT1, MC/SCL/DEMP, MD/SDA/MUTE (input mode), SCK, DATA1, BCK, LRCK, DATA2,
DATA3, DATA4
(3)
Pins 1, 28: ZR1/ZR1/FMT0 (output mode), ZR2
(4)
Pin 4: MD/SDA/MUTE (output mode)
(5)
Analog performance characteristics are measured using the System Two™ Cascade audio measurement system by Audio Precision™,
fIN = 1 kHz, average mode, with 20-kHz LPF and 400-Hz HPF.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1681 PCM1681-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com