Electronic Components Datasheet Search
  English  ▼

X  

A25L080 Datasheet(PDF) 16 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 16 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 12Page - AMIC Technology A25L080 Datasheet HTML 13Page - AMIC Technology A25L080 Datasheet HTML 14Page - AMIC Technology A25L080 Datasheet HTML 15Page - AMIC Technology A25L080 Datasheet HTML 16Page - AMIC Technology A25L080 Datasheet HTML 17Page - AMIC Technology A25L080 Datasheet HTML 18Page - AMIC Technology A25L080 Datasheet HTML 19Page - AMIC Technology A25L080 Datasheet HTML 20Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
15
AMIC Technology Corp.
Read Data Bytes (READ)
The device is first selected by driving Chip Select ( S ) Low.
The instruction code for the Read Data Bytes (READ)
instruction is followed by a 3-byte address (A23-A0), each bit
being latched-in during the rising edge of Serial Clock (C).
Then the memory contents, at that address, is shifted out on
Serial Data Output (DO), each bit being shifted out, at a
maximum frequency fR, during the falling edge of Serial Clock
(C).
The instruction sequence is shown in Figure 8. The first byte
addressed can be at any location. The address is
automatically incremented to the next higher address after
each byte of data is shifted out. The whole memory can,
therefore, be read with a single Read Data Bytes (READ)
instruction. When the highest address is reached, the
address counter rolls over to 000000h, allowing the read
sequence to be continued indefinitely.
The Read Data Bytes (READ) instruction is terminated by
driving Chip Select ( S ) High. Chip Select ( S ) can be driven
High at any time during data output. Any Read Data Bytes
(READ) instruction, while an Erase, Program or Write cycle is
in progress, is rejected without having any effects on the
cycle that is in progress.
Figure 8. Read Data Bytes (READ) Instruction Sequence and Data-Out Sequence
S
C
DIO
DO
Instruction
High Impedance
MSB
MSB
810
9
0 1 234 5 6 7
Data Out 1
Data Out 2
24-Bit Address
28 29 30 31 32 33 34 35 36 37 38 39
23 22 21
3 21 0
7
6 54 32 10
7
Note:. Address bits A23 to A21 are Don’t Care, for A25L016
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com