Electronic Components Datasheet Search
  English  ▼

X  

A25L080 Datasheet(PDF) 30 Page - AMIC Technology

Part # A25L080
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L080 Datasheet(HTML) 30 Page - AMIC Technology

Back Button A25L080 Datasheet HTML 26Page - AMIC Technology A25L080 Datasheet HTML 27Page - AMIC Technology A25L080 Datasheet HTML 28Page - AMIC Technology A25L080 Datasheet HTML 29Page - AMIC Technology A25L080 Datasheet HTML 30Page - AMIC Technology A25L080 Datasheet HTML 31Page - AMIC Technology A25L080 Datasheet HTML 32Page - AMIC Technology A25L080 Datasheet HTML 33Page - AMIC Technology A25L080 Datasheet HTML 34Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
A25L016 Series
(April, 2008, Version 0.0)
29
AMIC Technology Corp.
Table 8. Power-Up Timing
Symbol
Parameter
Min.
Max.
Unit
VCC(min)
VCC (minimum)
2.7
V
tPU
VCC (min) to device operation
5
ms
Note: These parameters are characterized only.
INITIAL DELIVERY STATE
The device is delivered with the memory array erased: all bits are set to 1 (each byte contains FFh). The Status Register contains
00h (all Status Register bits are 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com