Electronic Components Datasheet Search
  English  ▼

X  

ABFM Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABFM
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABFM Datasheet(HTML) 1 Page - Abracon Corporation

  ABFM Datasheet HTML 1Page - Abracon Corporation ABFM Datasheet HTML 2Page - Abracon Corporation ABFM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
|||||||||||||||
ABFM SERIES
• Fiber Channel
• 12Gbit SERDES
• 10Gbit SERDES
• PCI Express
• Based on a proprietary analog multiplier
• Tri-State Output
• Ultra low Phase Noise
• 125MHz, 156.25MHz, 187.5MHz, and 212.5MHz applications
• 2.5V to 3.3V +/- 10% operation
• Ceramic SMD, low profile package
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
Frequency Range
ABRACON P/N
Operating Temperature
Storage Temperature
Frequency Stability over
Operating Temp. (ref to +25 C)
PARAMETERS
ABFM Series
0°C to + 70°C (see options)
- 55°C to + 125°C
± 50 ppm max. (see options)
Supply Voltage (Vdd)
Jitter (12KHz - 20MHz)
3.3V or 2.5V ±10% (see options)
RMS phase jitter = 0.5pS max.
period jitter = 20pS peak to peak typical
Low Phase Noise
Aging (PPM/year)
-130 dBc/Hz @ 1kHz Offset from 212.5 MHz
-140 dBc/Hz @ 10kHz Offset from 212.5 MHz
-145 dBc/Hz @ 100kHz Offset from 212.5 MHz
TBD Per Crystal
Supply Current (IDD)[Fout = 212.50MHz]
Output Clock Duty Cycle @ VDD-1.3V
Output High Voltage (VOH)
Output Low Voltage (VOL)
Clock Rise time (tr) @ 20/80%
Clock Fall time (tf) @ 80/20%
85mA max.
45% min, 50% typical, 55% max.
VDD -1.025V min
VDD -1.620V max
0.2nS typ, 0.5nS max
0.2nS typ, 0.5nS max
Supply Current (IDD) [Fout = 212.50MHz]
Output Clock Duty Cycle @ 1.25V
Output Differential Voltage (VOD)
VDD Magnitude Change (
ΔVOD)
Output High Voltage (VOH)
Output Low Voltage (VOL)
Offset Voltage [RL = 100
Ω]
Offset Magnitude Voltage[RL = 100
Ω]
Power-off Leakage (IOXD) [Vout=VDD or GND, VDD=0V]
Output Short Circuit Current (IOSD)
Differential Clock Rise Time (tr) [RL=100
Ω, CL=10pF]
Differential Clock Fall Time (tf) [RL=100
Ω, CL=10pF]
55mA typical, 60mA max
45% min, 50% typical, 55% max
247mV min, 355mV typical, 454mV max
-50mV min, 50mV max
1.4V typical, 1.6V max
1.1V typical, 0.9V min
VOS = 1.125V min, 1.2V typical, 1.375V max
ΔVOS = 0mV min, 3mV typical, 25mV max
±1mA typical, ±10
μA max
-5.7mA typ, -8mA max
0.2ns min, 0.5ns typical, 0.7ns max
0.2ns min, 0.5ns typical, 0.7ns max
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
PARAMETERS
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.09.08
Visit www.abracon.com for Terms & Conditions of Sale


Similar Part No. - ABFM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
logo
Schneider Electric
ABFM16H300 SCHNEIDER-ABFM16H300 Datasheet
78Kb / 1P
cabled connector - 3 m -relay I/O - for Modicon Quantum
Sep 12, 2021
ABFM32H150 SCHNEIDER-ABFM32H150 Datasheet
77Kb / 1P
cabled connector - 1.5 m - for Modicon Quantum
Aug 9, 2019
ABFM32H300 SCHNEIDER-ABFM32H300 Datasheet
77Kb / 1P
cabled connector - 3 m - for Modicon Quantum
Aug 9, 2019
ABFM32H301 SCHNEIDER-ABFM32H301 Datasheet
77Kb / 1P
cabled connector - 3 m - for Modicon Quantum
Aug 10, 2019
More results

Similar Description - ABFM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABFM ABRACON-ABFM Datasheet
458Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
07.05.07
ABNM ABRACON-ABNM Datasheet
292Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ABVFM ABRACON-ABVFM Datasheet
1Mb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALVD ABRACON-ALVD Datasheet
171Kb / 3P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
07.11.07
ASPE ABRACON-ASPE Datasheet
267Kb / 1P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR WITH VOLTAGE CONTROL
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
APV ABRACON-APV Datasheet
755Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD ABRACON-ALD_2 Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ASF1 ABRACON-ASF1_08 Datasheet
193Kb / 2P
5.0V CERAMIC SMD LOW PROFILE CRYSTAL CLOCK OSCILLATOR
1.4.08
ASE6_SERIES ABRACON-ASE6_SERIES Datasheet
1Mb / 2P
SMD Crystal Clock Oscillator
03.06.14
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com