Electronic Components Datasheet Search
  English  ▼

X  

ABFM Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABFM
Description  CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABFM Datasheet(HTML) 2 Page - Abracon Corporation

  ABFM Datasheet HTML 1Page - Abracon Corporation ABFM Datasheet HTML 2Page - Abracon Corporation ABFM Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
|||||||||||||||
ABFM SERIES
7.0 x 5.0 x 1.8mm
Pb RoHS
Compliant
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
1
2
3
4
5
6
Tri-state
NC
GND
Q
Q
VDD
Tri-state
No Connect
Ground
PECL, LVDS
Complimentary PECL, LVDS
VDD Connection
P
P1
V
C
PECL
PECL1
LVDS
CMOS
0
1 (Default)
0
1 (Default)
0 (Default)
Enabled
1
Tri-state
1
Enabled
0
Tri-state
Tri-state
Enabled
Tri-state
Enabled
*Connect to VDD from logic level "1", connect to ground for logic level "0".
Supply Current (IDD)[at 100MHz, load 15pF]
Output Clock Duty Cycle @ 50%VDD
Output High Voltage (VOH) [IOH = -8.5mA]
Output Low Voltage (VOL) [IOL = 8.5mA]
Output Drive Current (IOSD) [VOL = 0.4V, VOH = 2.4V]
Output Clock Rise/Fall time [10% ~ 90% VDD w/10pF load]
Output Clock Duty cycle [Measured @ 50% VDD]
16mA typ, 20mA max
45% min, 50% typical, 55% max
2.4V min
0.4V max
8.5mA typ
1.2nS typical, 1.6nS max
45% min, 50% typical, 55% max
Blank*
3.3 V
Blank*
±50ppm
P
PECL
1
2.5 V
R
±25ppm
P1
PECL1
*3.3V : Standard
*Standard Specification
V
LVDS
C
CMOS
Packaging
T
Tape and Reel
(1000pcs)
T5
Tape and Reel
(500pcs)
ABFM -Frequency- - - -
Supply Voltage
Freq. Stability
Output
Blank*
D
E
F
N
L
*Standard Specification
Contact ABRACON for extended temperatures.
Operating Temperture Options
0°C to +70°C
-10°C to +60°C
-20°C to +70°C
-30°C to +70°C
-30°C to +85°C
-40°C to +85°C
STANDARD SPECIFICATIONS:
OPTIONS AND PART IDENTIFICATION (Left blank if standard):
PIN ASSIGNMENTS:
TRI-STATE PIN OUT DESCRIPTION:
PIN #
NAME
DESCRIPTION
OUTPUT TYPE OPTION
PIN 1 LOGIC LEVEL*
OUTPUT STATE
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 04.09.08
Visit www.abracon.com for Terms & Conditions of Sale
X.XXX MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com