Electronic Components Datasheet Search
  English  ▼

X  

LX256VCFN4845 Datasheet(PDF) 39 Page - Lattice Semiconductor

Part # LX256VCFN4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCFN4845 Datasheet(HTML) 39 Page - Lattice Semiconductor

Back Button LX256VCFN4845 Datasheet HTML 35Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 36Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 37Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 38Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 39Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 40Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 41Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 42Page - Lattice Semiconductor LX256VCFN4845 Datasheet HTML 43Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
39
sysHSI Block Timing
Figure 22 provides a graphical representation of the SERDES receiver input requirements. It provides guidance on
a number of input parameters, including signal amplitude and rise time limits, noise and jitter limits, and P and N
input skew tolerance.
Figure 22. Receive Data Eye Diagram Template (Differential)
The data pattern eye opening at the receive end of a link is considered the ultimate measure of received signal
quality. Almost all detrimental characteristics of a transmit signal and the interconnection link design result in eye
closure. This combined with the eye-opening limitations of the line receiver can provide a good indication of a link’s
ability to transfer error-free data.
Signal jitter is of special interest to system designers. It is often the primary limiting characteristic of long digital
links and of systems with high noise level environments. An interesting characteristic of the clock and data recovery
(CDR) portion of the ispGDX2 SERDES receiver is its ability to filter incoming signal jitter that is below the clock
recovery PLL bandwidth. For signals with high levels of low frequency jitter, the receiver can detect incoming data
error free, with eye openings significantly less than that shown in Figure 22.
sysHSI Block AC Specifications
Operating Frequency Ranges
Symbol
Description
Mode
Test Condition
Min.
Max.
Units
fCLK
Reference Clock Frequency
SS:CAL
50
200
MHz
10B12B
33
67
MHz
8B10B
40
80
MHz
fSIN
2
Serial Input
SS:CAL
with eoSIN
400
800
1
Mbps
10B12B
with eoSIN
400
800
1
Mbps
8B10B
with eoSIN
400
800
1
Mbps
fSOUT
2
Serial Out
LVDS
CL = 5 pF, RL = 100 Ohms,
fCLK with no jitter
400
800
1
Mbps
1. fSIN (8B/10B and 10B/12B) 800Mbps limit applicable only to the fastest speed grade. Limit is 700Mbps for the lower speed grade.
2. fSIN and fSOUT speeds are supported at VCC and VCCP at 1.7V to 1.9V for ispGDX2C devices.
eo
SIN
V
THD
200 mV Differential
+/- 100 mV Single Ended
jt
TH
Bit Time
jt
TH : Optimum Threshold Crossing Jitter
jt
TH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com