Electronic Components Datasheet Search
  English  ▼

X  

AAT1102 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part # AAT1102
Description  ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1102 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT1102 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 2 of 18
V5.0
AAT1102 (BIN2)
PIN DESCRIPTIONS
PIN
NAME
FUNCTION
1
EO
Compensation Pin for Error Amplifier
2
IN
Feedback Pin with a Typical Reference Voltage of 1.24V,
OUT
V
= IN(1+
R2
R1
)
3
SHDN
Shutdown Control Pin. The Device Will Turn Off When SHDN is Low
4
GND
Ground
5
SW
Switch Pin
6
DD
V
Power Supply Pin
7
FREQ
Frequency Select Pin. Switch Oscillator Frequency to 640kHz When FREQ is
Low, and 1.3MHz When FREQ is High
8
SS
Soft-Start Control Pin. No Soft-Start When the Pin is Left Open
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
SW to GND
3
.
0
−
to +18
V
IN, SHDN,
DD
V
, FREQ to
GND
3
.
0
−
to +6
V
SS, EO to GND
3
.
0
−
V to (
DD
V
+ 0.3V)
V
RMS SW Pin Current
SW
I
1.2
A
Continuous Power Dissipation
(
C
T = 70
+
℃
)
8-Pin MSOP (De-Rate
mW
1
.
4
/℃ above +70 )
℃
d
P
330
mW
Operation Temperature Range
C
T
30
−
to +85
℃
Storage Temperature Range
storage
T
45
−
to +125
℃
Junction Temperature Range
J
T
+150
℃
Lead Temperature
(Soldering for 10 seconds)
L
T
+300
℃
Note:
1. Absolute Maximum Ratings are threshold limit values that must not be exceeded.
2. Operation above these absolute maximum ratings may cause degradation or permanent damage to the device.
3. These are stress ratings only and do not necessarily imply functional operation below these limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com