Electronic Components Datasheet Search
  English  ▼

X  

AAT1102 Datasheet(PDF) 12 Page - Advanced Analog Technology, Inc.

Part # AAT1102
Description  ADVANCED PWM DC-DC CONVERTER WITH INTERNAL SWITCH AND SOFT-START
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT1102 Datasheet(HTML) 12 Page - Advanced Analog Technology, Inc.

Back Button AAT1102 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 15Page - Advanced Analog Technology, Inc. AAT1102 Datasheet HTML 16Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Advanced Analog Technology, Inc.
–
台灣類比科技股份有限公司 –
–
Advanced Analog Technology, Inc. –
Page 12 of 18
V5.0
AAT1102 (BIN2)
()
()
()⎥⎦
⎤
⎢
⎣
⎡
−
−
−
+
=
D
r
R
D
r
R
kg
CR
f
V
V
R
L
c
L
m
cs
ci
FB
o
c
1
1
2
2
π
FB
V
is equal to reference voltage,
REF
V
.
REF
V
=1.24V, k is the correct factor, and
)
8
6
(
−
=
k
5. The output filter capacitor is chosen so C .
L
R
pole cancels
c
R .
c
C
zero
()
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
c
L
c
c
r
R
C
C
R
2
3
1
, and
()
⎟
⎠
⎞
⎜
⎝
⎛
+
−
=
c
L
c
c
r
R
R
C
C
2
3
1
Example:
IN
V =5V,
O
V =9.6V,
O
I =250mA,
s
f =600 kHz,
FB
V
=1.25V,
uH
L
8
.
6
=
,
uS
g
m
105
=
,
275
.
0
=
cs
R
V/A,
Ω
= 1
.
0
L
r
,
Ω
= 23
.
0
DS
r
,
Ω
=
m
r
C
50
, k =7
Ω
= 4
.
1
F
R
,4
.
21
=
ci
f
kHz,
c
C =1.3nF,
c
R = 27k
Ω
, C =4.7uF
Fig.4. CH1: PWM waveform, CH2,
p
p
v −
for Vo
Fig.5. Bode diagram using Matlab simulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com