Electronic Components Datasheet Search
  English  ▼

X  

AMS2942 Datasheet(PDF) 3 Page - Advanced Monolithic Systems

Part # AMS2942
Description  HIGH VOLTAGE LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2942 Datasheet(HTML) 3 Page - Advanced Monolithic Systems

  AMS2942 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2942
BLOCK DIAGRAM AND TYPICAL APPLICATIONS
AMS2942
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: Unless otherwise specified all limits guaranteed for VIN = ( VONOM +1)V, IL = 100 µA and CL = 1 µF. Limits appearing in boldface type apply over the
entire junction temperature range for operation. Limits appearing in normal type apply for TA = TJ = 25°C, VSHUTDOWN ≤ 0.8V.
Note 3: Guaranteed and 100% production tested.
Note 4: Guaranteed but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V
differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 6: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage measured at
VIN = ( VONOM +1)V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = Vout/Vref = (R1 + R2)/R2. For
example, at a programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95 mV x 5V/1.235 = 384 mV. Thresholds
remain constant as a percent of Vout as Vout is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 7: Vref ≤Vout ≤ (Vin - 1V), 2.3 ≤Vin≤42V, 100µA≤IL≤ 100 mA, TJ ≤ TJMAX.
Note 8: The junction-to-ambient thermal resistance is 120
°C/W for the molded plastic SO-8 (S), when the package is soldered directly to the PCB.
Note 9: VSHUTDOWN ≥ 2.5V, VIN ≤ 42V, VOUT =0.
Note 10: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 11: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 50mA load pulse at VIN =42V (1.25W pulse) for T =10 ms.
Note 12: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects
are covered under the specification for thermal regulation.
Note 13: Line regulation is tested at 150
°C for I
L = 1 mA. For IL = 100 µA and TJ = 125°C, line regulation is guaranteed by design to 0.2%. See typical
performance characteristics for line regulation versus temperature and load current.
INPUT
OUTPUT
GROUND
ERROR
AMPLIFIER
1.23V
REFERENCE
39V to 45V UNREGULATED DC
+
+
+
+
-
SHUT-
DOWN
FEED-
BACK
ERROR
TO CMOS
OR TTL
+
-
+
330k
Ω
FROM
CMOS
OR TTL
50mV
ERROR DETECTION COMPARATOR
298k
Ω
10k
Ω
10
µF
V
O = 38V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com