Electronic Components Datasheet Search
  English  ▼

X  

AMS2942 Datasheet(PDF) 6 Page - Advanced Monolithic Systems

Part # AMS2942
Description  HIGH VOLTAGE LOW DROPOUT REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS2942 Datasheet(HTML) 6 Page - Advanced Monolithic Systems

  AMS2942 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2942 Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723
AMS2942
APPLICATION HINTS
External Capacitors
A 1.0
µF or greater capacitor is required between output and
ground for stability at output voltages of 5V or more. At lower
output voltages, more capacitance is required. Without this
capacitor the part will oscillate.
Most types of tantalum or
aluminum electrolytic works fine here; even film types work but
are not recommended for reasons of cost. Many aluminum types
have electrolytes that freeze at about -30
°C, so solid tantalums are
recommended
for
operation
below
-25
°C. The important
parameters of the capacitor are an ESR of about 5
Ω or less and
resonant frequency above 500 kHz parameters in the value of the
capacitor. The value of this capacitor may be increased without
limit.
At lower values of output current, less output capacitance is
required for stability. The capacitor can be reduced to 0.33
µF for
currents below 10 mA or 0.1
µF for currents below 1 mA. At
voltages below 5V the error amplifier operates at lower gains so
that more output capacitance is needed. For the worst-case
situation of a 100mA load at 1.23V output (Output shorted to
Feedback) a 3.3
µF (or greater) capacitor should be used.
A 1
µF tantalum or aluminum electrolytic capacitor should be
placed between input to ground if there is more than 10 inches of
wire between the input and the AC filter capacitor or if a battery is
used as the input.
Stray capacitance to Feedback terminal can cause instability. This
may especially be a problem when using a higher value of external
resistors to set the output voltage. Adding a 100 pF capacitor
between Output and Feedback and increasing the output capacitor
to at least 3.3
µF will fix this problem.
Error Detection Comparator Output
The comparator produces a logic low output whenever the output
falls out of regulation by more than approximately 5%. This figure
is the comparator’s built-in offset of about 60 mV divided by the
1.235 reference voltage. This trip level remains “5% below
normal” regardless of the programmed output voltage. For
example, the error flag trip level is typically 4.75V for a 5V output
or 11.4V for a 12V output. The out of regulation condition may be
due either to low input voltage, current limiting, or thermal
limiting.
Figure 1 gives a timing diagram depicting the ERROR signal and
the regulator output voltage as the AMS2942 input is ramped up
and down.
Since the dropout voltage is load dependent the input voltage trip
point will vary with the load current. The output voltage trip point
does not vary with load. The error comparator has an open-
collector output which requires an external pullup resistor. This
resistor may be returned to the output or some other supply
voltage depending on system requirements.
In determining a
value for this resistor, note that the output is rated to sink 400
µA.
Suggested values range from 100K to 1M
Ω. The resistor is not
required if error flag terminal is unused.
Setting the Output Voltage
The AMS2942 it may be programmed for any output voltage
between its 1.235V reference and its 42V maximum rating. As
seen in Figure 2, an external pair of resistors is required.
The complete equation for the output voltage is:
Vout = VREF × (1 + R1/ R2)+ IFBR1
where VREF is the nominal 1.235 reference voltage and IFB is the
feedback pin bias current, nominally -20 nA.
The minimum
recommended load current of 1
µA forces an upper limit of 1.2
M
Ω on value of R
2, if the regulator must work with no load (a
condition often found in CMOS in standby) IFB will produce a 2%
typical error in VOUT which may be eliminated at room
temperature by trimming R1. For better accuracy, choosing R2 =
100k reduces this error to 0.17%.
Reducing Output Noise
In reference applications it may be an advantageous to reduce the
AC noise present at the output. One method is to reduce the
regulator bandwidth by increasing the size of the output capacitor.
Noise could be reduced fourfold by a bypass capacitor across R1,
since it reduces the high frequency gain from 4 to unity. Pick
CBYPASS ≅ 1 / 2πR1 × 200 Hz
or about 0.01
µF. When doing this, the output capacitor must be
increased to 3.3
µF to maintain stability. These changes reduce
the output noise from 430
µV to 100 µV rms for a 100 kHz
bandwidth at 5V output. With the bypass capacitor added, noise
no longer scales with output voltage so that improvements are
more dramatic at higher output voltages.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com