Electronic Components Datasheet Search
  English  ▼

X  

RG1005 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RG1005
Description  RG series, ultra-precision & ultra-reliability metal film chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG1005 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RG1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers RG1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RG 1608 N - 102 - B - T5
Resistance Tolerance
Package (T1,T5,T10)
Temperature Coefficient of Resistance
Resistance
(E-24: in a 3 digit number,
E-96: in a 4 digit number 4 digits for all RG3216)
Part Code
Dimensions
PART NUMBER
CHARACTERISTIC of Power Temperature Derating Curve
susumu group catalog
100
50
Ambient Temperature ( C)
-55
0
85
155
The result of each reliability test for 10000 hours
Load life test
High temperature
exposure test
Moisture and
life test
Temperature
cycle test
high temperature expouse test (155 C)
Temperature cycle test
Load life test (85% C)
Moisture and life test (THB 85 C 85%)
10
−0.50
−0.40
−0.30
−0.20
−0.10
0.00
0.10
0.20
0.30
0.40
0.50
100
1000
3000
10000
1k
10k
56k
100k
330k
sample:
RG1608 series
test conditions:
temperature:858C
applied voltage:rated voltage
test period:one cycle as follow
90 min. on /30 min. off
n=100
Test time (h)
10
100
1000
Cycle
10000
56k
100k
0.50
0.40
0.30
0.20
0.10
0.00
0.10
0.20
0.30
0.40
0.50
sample:
RG1608 series
test conditions:
55 C(30 min.)/room tem.(3 min.)/
125 C(30 min.)/room tem.(3 min.)
n=50
10
−0.50
−0.40
−0.30
−0.20
−0.10
0.00
0.10
0.20
0.30
0.40
0.50
100
1000
3000
10000
1k
10k
56k
100k
330k
sample:
RG1608 series
test conditions:
temperature:85 C, moisture:85%RH
applied power:1/10 rated power
test period one cycle as follow
90 min. on /30 min off
n=50
Test time (h)
10
−0.50
−0.40
−0.30
−0.20
−0.10
0.00
0.10
0.20
0.30
0.40
0.50
100
1000
Test time (h)
3000
10000
1k
10k
56k
100k
330k
sample:
RG1608 series
test conditions:
tenperature:155 C
no load n 100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com