Electronic Components Datasheet Search
  English  ▼

X  

RG1005 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG1005
Description  RG series, ultra-precision & ultra-reliability metal film chip resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG1005 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG1005 Datasheet HTML 1Page - List of Unclassifed Manufacturers RG1005 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
susumu group catalog
Item
Test Method
Short time
overload
general
Ultra-reliability
Ultra-reliability
Typical
Specification
Load Life
High temperature exposure
Moisture load life
Temperature cycle
Applied voltage:2.5
rated voltage or 2
maximum
operating voltage which ever is less
test duration:5 seconds
Test Temperature.:85 C
Applied voltage: rated voltage
Test period: repeat 1000 cycle as follow:
90 min. on/30 min. off cycled
Test condition: 85 C85%RH
Applied power: 1/10 rated Power
Test period: repeat 1000 cycle as follow:
90 min. on/30 min. off cycled
Repeat 1000 cycle as follow:
-55 C(30 min.)/Room Tem.(2 min.)/
+125 C(30 min.)/ Room Tem.(2 min.)
+155 C for 1000 hours with no load
(0.05%)
(0.05%)
(0.01%)
(0.1%)
(0.25%)
(0.01%)
(0.1%)
(0.25%)
(0.05%)
(0.1%)
(0.01%)
(0.1%)
(0.01%)
RG series, ultra-precision & ultra-reliability
metal film chip resistors
SPECIFICATIONS
Electrical
Mechanical
Reliability
• Please contact us for Resistance tolerance 0.01%. • Please contact us for RG3225 series with power of 1/2W
Type
Power
general
Ultra-reliability
Max Operating Voltage
Resistance Value
TCR ppm / C(code)
Operating Temp. Range
Tolerance %(code)
Resistance Range( )
Package
75V
E-24, E-96
55 C
155 C
RG1608
1/16W
1/10W
RG1005
1/ 32W
0.02(P), 0.05(W),
0.1(B),
0.25(C), 0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
0.5(D)
10 (N)
25 (P)
5 (V)
10 (N)
25 (P)
10 (N)
25 (P)
25V
47 97.6
100 (R)
10 46.4
100 2.94k
3k 100k
1/ 16W
1,000pcs/reel (T1:P,W,B), 5,000pcs/reel (T5:B),
10,000pcs/reel (T10:B,C,D)
1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:W,B,C,D)
10 (N)
25 (P)
50 (Q)
25 (P)
25 (P)
5 (V)
10 (N)
25 (P)
10 (N)
25 (P)
47 97.6
10 46.4
100 4.99k 5.1k 270k 274 332k
340 360k
0.05(W), 0.1(B),
0.25(C), 0.5(D)
0.02(P), 0.05(W),
0.1(B),
0.25(C), 0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
0.5(D)
0.1(B)
0.5(D)
0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
100V
E-24, E-96
55 C 155 C
RG2012
1/10W
1/ 8W
RG3216
1/ 8W
0.02(P), 0.05(W),
0.1(B),
0.25(C), 0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
10 (N)
25 (P)
5 (V)
10 (N)
25 (P)
10 (N)
25 (P)
150V
47 97.6
100 33.2k
34k 1M
1/ 4W
1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:W,B,C,D)
1,000pcs/reel (T1:P,W,B), 5,000pcs/reel(T5:B,C,D)
10 (N)
25 (P)
50 (Q)
25 (P)
5 (V)
10 (N)
25 (P)
10 (N)
25 (P)
47 97.6
100 10k
10.2k 475k
487k 1M
10 46.4
0.05(W), 0.1(B),
0.25(C), 0.5(D)
0.02(P), 0.05(W),
0.1(B),
0.25(C), 0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
0.5(D)
0.1(B)
0.5(D)
0.05(W), 0.1(B),
0.25(C), 0.5(D)
W
P
L
T
Dimension
(Inch Size)
RG1005
(0402)
L
W
P
T
1.0 0.05
0.5 0.05
0.2 0.10
0.35 0.05
RG2012
(0805)
2.0 0.2
1.25 0.2
0.4 0.2
0.4 0.1
RG1608
(0603)
1.6 0.2
0.8 0.2
0.3 0.2
0.4 0.1
RG3216
(1206)
3.2 0.2
1.6 0.2
0.5 0.25
0.4 0.1
Tight resistance tolerance of 0.02% and temperature coefficient of resistance of 5ppm/ C are achieved.
Under high temperature and humid condition of 85 C and 85%RH, and at 155 C(duration:10000 hours for
both tests), superior reliability of only less than 0.1% of change in resistance value is realized.
Type
Power
general
Ultra-reliability
Resistance Value
Resistance Range( )
Package
Completely lead free
RoHS compliant
Tolerance %(code)
TCR ppm / C(code)
Max Operating Voltage
Operating Temp. Range
( unit : mm)


Similar Part No. - RG1005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RG1005 ETC2-RG1005 Datasheet
1Mb / 3P
THIN FILM CHIP RESISTOR
RG1005 ETC2-RG1005 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
RG1005 ETC2-RG1005 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1005 ETC2-RG1005 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1005P-123 ETC2-RG1005P-123 Datasheet
179Kb / 3P
High Reliability and Excellent Stability at different environmental conditions
More results

Similar Description - RG1005

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
4800 WELWYN-4800 Datasheet
132Kb / 2P
Ultra Precision Bulk Metal Film Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
Ultra Precision Metal Film Resistors
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
Ultra Precision Metal Film Resistors
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
ULTRA PRECISION METAL FILM RESISTORS
logo
List of Unclassifed Man...
RM2012 ETC2-RM2012 Datasheet
71Kb / 2P
RM series, ultra-precision & ultra-reliability metal film chip network resistors
RR0816P-102-B ETC2-RR0816P-102-B Datasheet
49Kb / 1P
RR series, ultra-precision metal film chip resistors
PBVW10-103 ETC-PBVW10-103 Datasheet
79Kb / 2P
RM series, ultra-precision & ultra-reliability metal film chip network resistors
RG2012P-2491-B-T5 ETC-RG2012P-2491-B-T5 Datasheet
14Mb / 2P
Metal thin film chip resistors (Ultra-precision)
logo
TT Electronics.
CAR TTELEC-CAR_17 Datasheet
395Kb / 3P
Ultra Precision Metal Film Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
Metal Film Ultra Precision Melf Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com