Electronic Components Datasheet Search
  English  ▼

X  

ADS6149 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6149
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADS6149 Datasheet HTML 45Page - Texas Instruments ADS6149 Datasheet HTML 46Page - Texas Instruments ADS6149 Datasheet HTML 47Page - Texas Instruments ADS6149 Datasheet HTML 48Page - Texas Instruments ADS6149 Datasheet HTML 49Page - Texas Instruments ADS6149 Datasheet HTML 50Page - Texas Instruments ADS6149 Datasheet HTML 51Page - Texas Instruments ADS6149 Datasheet HTML 52Page - Texas Instruments ADS6149 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
Drive Circuit Requirements
0.01
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900
1000
f-Frequency-MHz
ADS6149/ADS6129
ADS6148/ADS6128
www.ti.com ..................................................................................................................................................... SLWS211B – JULY 2008 – REVISED OCTOBER 2008
For optimum performance, the analog inputs must be driven differentially. This improves the common-mode
noise immunity and even order harmonic rejection. A 5
Ω to 15 Ω resistor in series with each input pin is
recommended to damp out ringing caused by package parasitics. It is also necessary to present low impedance
(< 50
Ω) for the common mode switching currents. This can be achieved by using two resistors from each input
terminated to the common mode voltage (VCM).
Note that the device includes an internal R-C filter from each input to ground. The purpose of this filter is to
absorb the glitches caused by the opening and closing of the sampling capacitors. The cut-off frequency of the
R-C filter involves a trade-off. A lower cut-off frequency (larger C) absorbs glitches better, but also reduces the
input bandwidth and the maximum input frequency that can be supported. On the other hand, with no internal
R-C filter, high input frequency can be supported, but now the sampling glitches need to be supplied by the
external driving circuit. This has limitations due to the presence of the package bond-wire inductance.
In ADS61x9/x8, the R-C component values have been optimized while supporting high input bandwidth (up to
750 MHz). However, in applications where high input frequency support is not required, the filtering of the
glitches can be improved further using an external R-C-R filter (as shown in Figure 99 and Figure 100).
In addition to the above, the drive circuit may have to be designed to provide a low insertion loss over the
desired frequency range and matched impedance to the source. While doing this, the ADC input impedance
must be considered. Figure 97 and Figure 98 show the impedance (Zin = Rin || Cin) looking into the ADC input
pins.
Figure 97. ADC Analog Input Resistance (Rin) Across Frequency
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com