Electronic Components Datasheet Search
  English  ▼

X  

ADS6149 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS6149
Description  14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6149 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS6149 Datasheet HTML 12Page - Texas Instruments ADS6149 Datasheet HTML 13Page - Texas Instruments ADS6149 Datasheet HTML 14Page - Texas Instruments ADS6149 Datasheet HTML 15Page - Texas Instruments ADS6149 Datasheet HTML 16Page - Texas Instruments ADS6149 Datasheet HTML 17Page - Texas Instruments ADS6149 Datasheet HTML 18Page - Texas Instruments ADS6149 Datasheet HTML 19Page - Texas Instruments ADS6149 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
ToParallelPin
GND
GND
AVDD
AVDD
(5/8) AVDD
(5/8) AVDD
3R
2R
3R
(3/8) AVDD
(3/8) AVDD
S0321-01
SERIAL INTERFACE
Register Initialization
ADS6149/ADS6129
ADS6148/ADS6128
SLWS211B – JULY 2008 – REVISED OCTOBER 2008 ..................................................................................................................................................... www.ti.com
Table 6. MODE – ANALOG CONTROL PIN
MODE
DESCRIPTION
0
Internal reference, LOW SPEED mode disabled (for Fs > 100 MSPS)
(3/8)AVDD
External reference, LOW SPEED mode disabled (for Fs > 100 MSPS)
(5/8)AVDD
External reference, LOW SPEED mode enabled (for Fs
≤ 100 MSPS)
AVDD
Internal reference, LOW SPEED mode enabled (for Fs
≤ 100 MSPS)
Figure 5. Simple Scheme to Configure Parallel Pins SEN and SCLK
The ADC has a set of internal registers, which can be accessed by the serial interface formed by pins SEN
(Serial interface Enable), SCLK (Serial Interface Clock) and SDATA (Serial Interface Data).
Serial shift of bits into the device is enabled when SEN is low. Serial data SDATA is latched at every falling edge
of SCLK when SEN is active (low). The serial data is loaded into the register at every 16th SCLK falling edge
when SEN is low. In case the word length exceeds a multiple of 16 bits, the excess bits are ignored. Data can be
loaded in multiple of 16-bit words within a single active SEN pulse.
The first 8 bits form the register address and the remaining 8 bits are the register data. The interface can work
with SCLK frequency from 20 MHz down to low speeds (few Hertz) and also with non-50% SCLK duty cycle.
After power-up, the internal registers MUST be initialized to their default values. This can be done in one of two
ways:
1. Either through hardware reset by applying a high-going pulse on RESET pin (of width greater than 10ns) as
shown in Figure 6.
OR
2. By applying software reset. Using the serial interface, set the <RESET> bit (D7 in register 0x00) to HIGH.
This initializes internal registers to their default values and then self-resets the <RESET> bit to LOW. In this
case the RESET pin is kept LOW.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS6149/ADS6129 ADS6148/ADS6128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com