Electronic Components Datasheet Search
  English  ▼

X  

STB80NF55-08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB80NF55-08
Description  N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08 Datasheet(HTML) 1 Page - STMicroelectronics

  STB80NF55-08 Datasheet HTML 1Page - STMicroelectronics STB80NF55-08 Datasheet HTML 2Page - STMicroelectronics STB80NF55-08 Datasheet HTML 3Page - STMicroelectronics STB80NF55-08 Datasheet HTML 4Page - STMicroelectronics STB80NF55-08 Datasheet HTML 5Page - STMicroelectronics STB80NF55-08 Datasheet HTML 6Page - STMicroelectronics STB80NF55-08 Datasheet HTML 7Page - STMicroelectronics STB80NF55-08 Datasheet HTML 8Page - STMicroelectronics STB80NF55-08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
March 2002
.
STP80NF55-08
STB80NF55-08 STB80NF55-08-1
N-CHANNEL 55V - 0.0065
Ω - 80A D2PAK/I2PAK/TO-220
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0065Ω
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less
critical
alignment
steps
therefore
a
remarkable manufacturing reproducibility.
APPLICATIONS
s
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
TYPE
VDSS
RDS(on)
ID
STB80NF55-08/-1
STP80NF55-08
55 V
55 V
<0.008
Ω
<0.008
Ω
80 A
80 A
1
2
3
1
3
1
2
3
TO-220
D2PAK
TO-263
I2PAK
TO-262
ABSOLUTE MAXIMUM RATINGS
(
•) Current limited by package
(
••) Pulse width limited by safe operating area.
(1) Starting Tj = 25 oC, ID = 40A, VDD = 30V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
55
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
55
V
VGS
Gate- source Voltage
± 20
V
ID(•)
Drain Current (continuos) at TC = 25°C
80
A
ID
Drain Current (continuos) at TC = 100°C
57
A
IDM(••)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
EAS (1)
Single Pulse Avalanche Energy
870
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB80NF55-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
logo
Inchange Semiconductor ...
STB80NF55-08 ISC-STB80NF55-08 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB80NF55-08AG STMICROELECTRONICS-STB80NF55-08AG Datasheet
1,008Kb / 18P
Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFET™ Power MOSFETs in D²PAK and TO-220 packages
September 2016 Rev 1
STB80NF55-08T4 STMICROELECTRONICS-STB80NF55-08T4 Datasheet
368Kb / 15P
N-channel 55 V, 0.0065 Ω, 80 A, TO-220, D2PAK, TO-247 STripFET™Power MOSFET
15-Apr-2009
STB80NF55-08 STMICROELECTRONICS-STB80NF55-08_08 Datasheet
358Kb / 15P
N-channel 55 V - 0.0065 廓 - 80 A - TO-220 - D2PAK - TO-247 STripFET??Power MOSFET
03-Mar-2008
More results

Similar Description - STB80NF55-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06 Datasheet
533Kb / 7P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Oct-1999
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
24-Oct-2006
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com