Electronic Components Datasheet Search
  English  ▼

X  

13191 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 13191 Datasheet HTML 15Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 16Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
MC13191 Technical Data, Rev. 1.6
Freescale Semiconductor
19
thhht
8.3
Crystal Requirements
The suggested crystal specification for the MC13191 is shown in Table 10. A number of the stated
parameters are related to desired package, desired temperature range and use of crystal capacitive load
trimming. For more design details and suggested crystals, see application note AN3251, Reference
Oscillator Crystal Requirements for MC1319x, MC1320x, and MC1321x.
Table 9. MC13191 to MCU Bill of Materials (BOM)
Item
Quantity
Reference
Part
Manufacturer
1
1
ANT1
F_Antenna
Printed wire
21
C1
1
μF
3
3
C2, C3, C4
100 nF
4
2
C5, C6
6.8 pF
5
5
C7, C8, C9, C10,
C11
10 pF
6
1
C12
0.5 pF
7
1
IC1
MC13191
Freescale Semiconductor
81
IC2
μPG2012TK-E2
NEC
9
1
J1
SMA Receptacle,
Female
10
1
L1
6.8 nH
11
2
L2, L3
8.2 nH
12
1
R1
470 k
Ω
13
2
R2, R3
0
Ω
14
1
X1
16.000 MHz, Type
DSX321G, ZD00882
KDS, Daishinku Corp
15
2
Z1, Z2
LDB212G4020C-001
Murata
Table 10. MC13191 Crystal Specifications1
Parameter
Value
Unit
Condition
Frequency
16.000000
MHz
Frequency tolerance (cut tolerance)2
± 10
ppm
at 25 °C
Frequency stability (temperature drift)3
± 15
ppm
Over desired temperature range
Aging4
± 2
ppm
max
Equivalent series resistance5
43
Ω
max
Load capacitance6
5 - 9
pF
Shunt capacitance
<2
pF
max
Mode of oscillation
fundamental



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com