Electronic Components Datasheet Search
  English  ▼

X  

13202 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13202 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  13202 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Freescale Semiconductor, Inc., 2005, 2006, 2007, 2008. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13202
Rev. 1.4, 07/2008
MC13202
Package Information
Plastic Package
Case 1311-03
Ordering Information
Device
Device Marking
Package
MC13202FC
13202
QFN-32
MC13202FCR2
(Tape and Reel)
13202
QFN-32
1
Introduction
The MC13202 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceivers. The MC13202 contains a complete
802.15.4 physical layer (PHY) modem designed for the
IEEE® 802.15.4 Standard which supports peer-to-peer,
star, and mesh networking.
The MC13202 includes the 802.15.4 PHY/MAC for use
with the HCS08 Family of MCUs. The MC13202 can be
used with Freescale’s IEEE 802.15.4 MAC and
BeeStack, which is Freescale’s ZigBee 2006 compliant
protocol stack.
When combined with an appropriate microcontroller
(MCU), the MC13202 provides a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point
systems, through complete ZigBee™ networking. For
MC13202
2.4 GHz Low Power Transceiver
for the IEEE® 802.15.4 Standard
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 4
4 Data Transfer Modes . . . . . . . . . . . . . . . . . . . 5
5 Electrical Characteristics . . . . . . . . . . . . . . . 8
6 Functional Description . . . . . . . . . . . . . . . . 12
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 15
8 Crystal Oscillator Reference Frequency . . 19
9 Transceiver RF Configurations and
External Connections
22
10Packaging Information . . . . . . . . . . . . . . . . 29


Similar Part No. - 13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
13202 FREESCALE-13202 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
logo
Turck, Inc.
13202 TURCK-13202 Datasheet
153Kb / 2P
Inductive Sensor
11/07/2023
logo
PHOENIX CONTACT
1320259 PHOENIX-1320259 Datasheet
500Kb / 13P
M23-12S1N12W500S - Device connector front mounting
More results

Similar Description - 13202

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192 Datasheet
340Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_07 Datasheet
349Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13192 FREESCALE-MC13192_08 Datasheet
379Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com