Electronic Components Datasheet Search
  English  ▼

X  

13202 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 13202
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13202 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  13202 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13202 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MC13202 Technical Data, Rev. 1.4
2
Freescale Semiconductor
more detailed information about MC13202 operation, refer to the MC13202 Reference Manual,
(MC13202RM).
Applications include, but are not limited to, the following:
•
Residential and commercial automation
— Lighting control
— Security
— Access control
— Heating, ventilation, air-conditioning (HVAC)
— Automated meter reading (AMR)
•
Industrial Control
— Asset tracking and monitoring
— Homeland security
— Process management
— Environmental monitoring and control
—HVAC
— Automated meter reading
•
Health Care
— Patient monitoring
— Fitness monitoring
•
Consumer
— Human interface devices (keyboard, mice, etc.)
— Remote control
— Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifiers (PA), onboard RF
transmit/receive (T/R) switch for single port use, PLL with internal voltage controlled oscillator (VCO),
on-board power supply regulation, and full spread-spectrum encoding and decoding. The device supports
250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0 MHz channels with 5.0 MHz
channel spacing per the 802.15.4 Standard. The SPI port and interrupt request output are used for receive
(RX) and transmit (TX) data transfer and control.
2Features
•
Recommended power supply range: 2.0 to 3.4 V
•
Fully compliant 802.15.4 Standard transceiver supports 250 kbps O-QPSK data in 5.0 MHz
channels and full spread-spectrum encode and decode
•
Operates on one of 16 selectable channels in the 2.4 GHz band
•
-1 to 0 dBm nominal output power, programmable from -27 dBm to +3 dBm typical
•
Receive sensitivity of <-92 dBm (typical) at 1% PER, 20-byte packet, much better than the
802.15.4 Standard of -85 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com