Electronic Components Datasheet Search
  English  ▼

X  

L6566A Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 6Page - STMicroelectronics L6566A Datasheet HTML 7Page - STMicroelectronics L6566A Datasheet HTML 8Page - STMicroelectronics L6566A Datasheet HTML 9Page - STMicroelectronics L6566A Datasheet HTML 10Page - STMicroelectronics L6566A Datasheet HTML 11Page - STMicroelectronics L6566A Datasheet HTML 12Page - STMicroelectronics L6566A Datasheet HTML 13Page - STMicroelectronics L6566A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Pin settings
L6566A
10/51
11
ZCD
Transformer demagnetization sensing input for quasi-resonant operation and OVP
input. The pin is externally connected to the transformer’s auxiliary winding through
a resistor divider. A negative-going edge triggers MOSFET’s turn-on if QR mode is
selected.
A voltage exceeding 5 V shuts the IC down and brings its consumption to a lower
value (OVP). Latch-off or auto-restart mode is selectable externally. This function is
strobed and digitally filtered to increase noise immunity.
12
MODE/SC
Operating mode selection. If the pin is connected to the VREF pin (7)
quasi-resonant operation is selected and the oscillator (pin 13, OSC) determines
the maximum allowed operating frequency.
Fixed-frequency operation is selected if the pin is not tied to VREF, in which case
the oscillator determines the actual operating frequency, the maximum allowed
duty cycle is set at 70 % min. and the pin delivers a voltage ramp synchronized to
the oscillator when the gate-drive output is high; the voltage delivered is zero while
the gate-drive output is low. The pin is to be connected to pin CS (7) via a resistor
for slope compensation.
13
OSC
Oscillator pin. The pin is an accurate 1 V voltage source, and a resistor connected
from the pin to GND (pin 3) defines a current. This current is internally used to set
the oscillator frequency that defines the maximum allowed switching frequency of
the L6566A, if working in QR mode, or the operating switching frequency if working
in FF mode.
14
SS
Soft-start current source. At start-up a capacitor Css between this pin and GND
(pin 3) is charged with an internal current generator. During the ramp, the internal
reference clamp on the current sense pin (7, CS) rises linearly starting from zero to
its final value, thus causing the duty cycle to increase progressively starting from
zero as well. During soft-start the adaptive UVLO function and all functions
monitoring pin COMP are disabled. The soft-start capacitor is discharged whenever
the supply voltage of the IC falls below the UVLO threshold. The same capacitor is
used to delay IC’s shutdown (latch-off or auto-restart mode selectable) after
detecting an overload condition (OLP).
15
VFF
Line voltage feedforward input. The information on the converter’s input voltage is
fed into the pin through a resistor divider and is used to change the setpoint of the
pulse-by-pulse current limitation (the higher the voltage, the lower the setpoint).
The linear dynamics of the pin ranges from 0 to 3 V. A voltage higher than 3 V
makes the IC stop switching. If feedforward is not desired, tie the pin to GND (pin 3)
directly if a latch-mode OVP is not required (see pin 11, ZCD) or through a resistor
if a latch-mode OVP is required. Bypass the pin with a capacitor to GND (pin 3) to
reduce noise pick-up.
16
AC_OK
Brownout protection input. A voltage below 0.45 V shuts down (not latched) the IC,
lowers its consumption, opens the Vcc_PFC pin (6), and clears the latch set by
latched protections (DIS > 4.5 V, SS > 6.4 V, VFF > 6.4 V). IC’s operation is re-
enabled as the voltage exceeds 0.45 V. The comparator is provided with current
hysteresis: an internal 15 µA current generator is ON as long as the voltage on the
pin is below 0.45V and is OFF if this value is exceeded. Bypass the pin with a
capacitor to GND (pin 3) to reduce noise pick-up. Tie to Vcc with a 220 to 680 k
Ω
resistor if the function is not used.
Table 1.
Pin functions (continued)
N°
Pin
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com