Electronic Components Datasheet Search
  English  ▼

X  

L6566A Datasheet(PDF) 38 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L6566A Datasheet HTML 34Page - STMicroelectronics L6566A Datasheet HTML 35Page - STMicroelectronics L6566A Datasheet HTML 36Page - STMicroelectronics L6566A Datasheet HTML 37Page - STMicroelectronics L6566A Datasheet HTML 38Page - STMicroelectronics L6566A Datasheet HTML 39Page - STMicroelectronics L6566A Datasheet HTML 40Page - STMicroelectronics L6566A Datasheet HTML 41Page - STMicroelectronics L6566A Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
Application information
L6566A
38/51
5.12
Brownout protection
Brownout protection is basically a not-latched device shutdown function activated when a
condition of mains undervoltage is detected. There are several reasons why it may be
desirable to shut down a converter during a brownout condition, which occurs when the
mains voltage falls below the minimum specification of normal operation.
Firstly, a brownout condition may cause overheating of the PFC front-end due to an excess
of RMS current. Secondly, brownout can also cause the PFC pre-regulator to work open
loop. This could be dangerous to the PFC itself and the downstream converter, should the
input voltage return abruptly to its rated value, given the slow response of PFC to transient
events. Finally, spurious restarts may occur during converter power down, hence causing
the output voltage not to decay to zero monotonically.
L6566A shutdown upon brownout is accomplished by means of an internal comparator, as
shown in the block diagram of Figure 25, which shows the basic circuit usage. The inverting
input of the comparator, available on the AC_OK pin (16), is supposed to sense a voltage
proportional to either the RMS or the peak mains voltage; the non-inverting input is
internally referenced to 0.485 V with 35 mV hysteresis. If the voltage applied on the AC_OK
pin before the device starts operating does not exceed 0.485 V or if it falls below 0.45 V
while the device is running, The AC_OK signal goes high, the pin Vcc_PFC is open and the
device shuts down, with the soft-start capacitor discharged and the gate-drive output low.
Additionally, in case the device has been latched off by some protection function (in which
case Vcc is oscillating between VccON and VccON - 0.5 V) the AC_OK voltage falling below
0.45 V will clear the latch. This feature can be used to allow a quicker restart as the input
source is removed.
Figure 25.
Brownout protection: internal block diagram and timing diagram
-
+
L6566A
AC_FAIL
AC_OK
Vcc
16
5
0.485V
0.45V
15 µA
RH
RL
Sensed
voltage
Vcc
(pin 5)
GD
(pin 4)
Vout
VAC_OK
(pin 16)
0.45V
IHYS
15 µA
t
t
t
t
t
t
t
t
Vcc_PFC
(pin 6)
AC_FAIL
Sensed voltage
VsenON
VsenOFF
0.485V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com