Electronic Components Datasheet Search
  English  ▼

X  

33790 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33790
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33790 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33790 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33790
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33790 Pin Connections
Table 1. 33790 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 8.
Pin Number
Pin Name
Definition
1
DSI0F
This logic input controls the frame output for DSI channel 0 in accordance with Table 5, page 8.
2
DSI0S
This logic input controls the signalling output for DSI channel 0 in accordance with Table 5, page 8.
3
DSI0R
This logic output provides the return data for DSI channel 0 in accordance with Table 5, page 8.
4
DSI1F
This logic input controls the frame output for DSI channel 1 in accordance with Table 5, page 8.
5
DSI1S
This logic input controls the signalling output for DSI channel 1 in accordance with Table 5, page 8.
6
DSI1R
This logic output provides the return data for DSI channel 1 in accordance with Table 5, page 8.
7
NC
Unused.
8
CPCAP
Used to store and filter charge pump output.
9
NC
Unused.
10
NC
Unused.
11
GND
Circuit and bus ground return.
12
DSI1O
DSI bus 1 input/output.
13
VSUP
Idle level supply input. The voltage supplied to this pin sets the idle level on the DSI bus.
14
DSI0O
DSI bus 0 input/output.
15
GND
Circuit and bus ground return.
16
VDD
5.0 V logic supply input.
DSI0F
DSI0R
DSI1F
DSI1S
DSI1R
NC
CPCAP
DSI0S
VDD
GND
DSI0O
VSUP
DSI10
GND
NC
NC
2
3
4
5
6
7
8
16
14
13
12
11
10
15
9
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com