Electronic Components Datasheet Search
  English  ▼

X  

33790 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33790
Description  Two-Channel Distributed System Interface (DSI) Physical Interface Device
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33790 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33790 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33790 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33790
ELECTRICAL CHARACTERISTICS
TIMING CHARACTERISTICS
TIMING CHARACTERISTICS
Figure 4. Timing Characteristics
5.0 V
0 V
5.0 V
0 V
25 V
1.5 V
5.0 V
0 V
0 mA
IRH
DSIxS
DSIxF
DSIxO
DSIxR
VIN(TH)
VIN(TH)
4.5 V
IOUT
tCYC
tCYCH
tDLY2
tCYCL
tRISE
tRISE
tFALL
tDLY1
tDVLD1
tSLEW(FRAME)
tSLEW(SIGNAL)
tDVLD3
tDVLD2
tDRH
tDRL
5.0 V
7.0 V
tDVLD4
tCYC
3.0 V
tTAT
DSIVOH
(Note (9))
(Note (8))
Note (7)
Notes
7.
Typical BUSIN/BUSOUT logic thresholds (VTHL) from MC33793 datasheet.
8.
tTAT (Turnaround Time) is dependent upon wire length, bus loads, and slave response characteristics.
9.
DSIxR stable on falling edge of DSIxS or rising edge of DSIxF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com