| Electronic Components Datasheet Search |
|
33887 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33887 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 37 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 9 33887 ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS STATIC ELECTRICAL CHARACTERISTICS Table 4. STATIC ELECTRICAL CHARACTERISTICS Characteristics noted under conditions 5.0 V ≤ V+ ≤ 28 V and -40 °C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted. Characteristic Symbol Min Typ Max Unit POWER SUPPLY Operating Voltage Range (16) V+ 5.0 – 28 V Sleep State Supply Current (17) IOUT = 0 A, VEN = 0 V IQ(SLEEP) – 25 50 μA Standby Supply Current IOUT = 0 A, VEN = 5.0 V IQ(STANDBY) – – 20 mA Threshold Supply Voltage Switch-OFF Switch-ON Hysteresis V+(THRES-OFF) V+(THRES-ON) V+(HYS) 4.15 4.5 150 4.4 4.75 – 4.65 5.0 – V V mV CHARGE PUMP Charge Pump Voltage V+ = 5.0 V 8.0 V ≤ V+ ≤ 28 V VCP - V+ 3.35 – – – – 20 V CONTROL INPUTS Input Voltage (IN1, IN2, D1, D2) Threshold HIGH Threshold LOW Hysteresis VIH VIL VHYS 3.5 – 0.7 – – 1.0 – 1.4 – V Input Current (IN1, IN2, D1) VIN - 0.0 V IINP -200 -80 – μA Input Current (D2, EN) V D2 = 5.0 V IINP – 25 100 μA Notes 16 Specifications are characterized over the range of 5.0 V ≤ V+ ≤ 28 V. See See Electrical Performance Curves on page 18 and 19 and the See Functional Description on page 21 for information about operation outside of this range. 17 IQ(sleep) is with sleep mode function enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |