Electronic Components Datasheet Search
  English  ▼

X  

33887 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33887
Description  5.0 A H-Bridge with Load Current Feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33887 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33887 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33887 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33887
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
TIMING DIAGRAMS
Figure 6. Output Delay Time
Figure 7. Disable Delay Time
Figure 8. Output Switching Time
Figure 9. Active Current Limiting Versus Temperature (Typical)
TIME
0
5.0
0
VPWR
tD(ON)
50%
90%
50%
10%
tD(OFF)
∞Ω
0 V
5.0 V
0Ω
tR
0
VPWR
90%
10%
10%
90%
tF
6.6
2.5
160
175
Thermal Shutdown
TJ, JUNCTION TEMPERATURE (
oC)
6.5
4.0
Operation within this region must be
150
limited to nonrepetitive events
not to exceed 30 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com