Electronic Components Datasheet Search
  English  ▼

X  

MRF284LR1 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF284LR1
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284LR1 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF284LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MRF284LR1 MRF284LSR1
3
RF Device Data
Freescale Semiconductor
Figure 1. 1930-2000 MHz Broadband Test Circuit Schematic
RF
INPUT
RF
OUTPUT
Z12
Z1
Z2
Z3
Z4
VGG
C5
C1
C16
W1
R1
C3
+
C4
B1
R2
C6
B2
R3
C7
C2
Z5
L1
Z7
Z8
DUT
VDD
W3
R7
C17
+
C14
W2
R6
C12
B3
R5
C13
C15
L2
C10
Z11
C11
Z13
Z14
Z16
L3
Z17
Z11
0.155″ x 0.515″ Microstrip
Z12
0.120″ x 0.325″ Microstrip
Z13
0.150″ x 0.325″ Microstrip
Z14
0.010″ x 0.325″ Microstrip
Z15
0.505″ x 0.080″ Microstrip
Z16
0.865″ x 0.080″ Microstrip
Z17
0.525″ x 0.080″ Microstrip
PCB
Arlon GX0300-55-22, 0.030″,
εr = 2.55
Z6
R4
Z15
Z10
C8
Z9
C9
C18
+
Z1
0.530″ x 0.080″ Microstrip
Z2
0.255″ x 0.080″ Microstrip
Z3
0.600″ x 0.080″ Microstrip
Z4
0.525″ x 0.080″ Microstrip
Z5
0.015″ x 0.325″ Microstrip
Z6
0.085″ x 0.325″ Microstrip
Z7
0.165″ x 0.325″ Microstrip
Z8
0.110″ x 0.515″ Microstrip
Z9
0.095″ x 0.515″ Microstrip
Z10
0.050″ x 0.515″ Microstrip
Table 4. 1930-2000 MHz Broadband Test Circuit Component Designations and Values
Designators
Description
B1 - B3
Ferrite Beads, Round, Ferroxcube #56-590-65-3B
C1, C2, C8
0.8-8.0 pF Gigatrim Variable Capacitors, Johanson #27291SL
C3, C17
22 mF, 35 V Tantalum Surface Mount Chip Capacitors, Kemet #T491X226K035AS4394
C4, C14
0.1 mF Chip Capacitors, Kemet #CDR33BX104AKWS
C5
220 pF Chip Capacitor, ATC #100B221KP500X
C6, C12
1000 pF Chip Capacitors, ATC #100B102JCA50X
C7, C13
5.1 pF Chip Capacitors, ATC #100B5R1CCA500X
C9
1.2 pF Chip Capacitor, ATC #100B1R2CCA500X
C10
2.7 pF Chip Capacitor, ATC #100B2R7CCA500X
C11
0.6-4.5 pF Gigatrim Variable Capacitors, Johanson #27271SL
C15, C16
200 pF Chip Capacitors, ATC #100B201KP500X
C18
10 mF, 35 V Tantalum Surface Mount Chip Capacitor, Kemet #T495X106K035AS4394
L1, L2
4 Turns, #24 AWG, 0.120″ OD, 0.140″ Long, (12.5 nH), Coilcraft #A04T-5
L3
2 Turns, #24 AWG, 0.120″ OD, 0.140″ Long, (5.0 nH), Coilcraft #A02T-5
R1, R2, R3, R5, R6, R7
12 Ω, 1/4 W Chip Resistors, 0.08″ x 0.13″, Garrett Instruments #RM73B2B120JT
R4
560 kΩ, 1/4 W Chip Resistor, 0.08″ x 0.13″
W1, W2, W3
Solid Copper Buss Wire, 16 AWG
WS1, WS2
Beryllium Copper Wear Blocks 0.005″ x 0.250″ x 0.250″



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com