Electronic Components Datasheet Search
  English  ▼

X  

MRF284LR1 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MRF284LR1
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284LR1 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MRF284LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 11Page - Freescale Semiconductor, Inc MRF284LR1 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
RF Device Data
Freescale Semiconductor
MRF284LR1 MRF284LSR1
TYPICAL CHARACTERISTICS
Figure 10. DC Safe Operating Area
VDD, DRAIN SUPPLY VOLTAGE (Vdc)
Figure 11. Capacitance versus
Drain Source Voltage
VDS, DRAIN SOURCE VOLTAGE (VOLTS)
28
12
20
4
0
100
10
1
Figure 12. Class A Third Order Intercept Point
Pin, INPUT POWER (dBm)
60
40
30
20
10
0
60
40
20
0
−20
−80
24
Crss
16
8
FUNDAMENTAL
3rd Order
Coss
50
35
25
15
545
55
50
30
10
−10
−30
−40
−60
−50
−70
1
0
28
24
20
16
12
8
4
0
Tflange = 75°C
Tflange = 100°C
TJ = 175°C
3
2
Ciss
−90
VDD = 26 Vdc
IDQ = 1.8 Adc
f1 = 2000.0 MHz
f2 = 2000.1 MHz
1.0
Figure 13. 1920-2000 MHz Broadband Circuit Performance
f, FREQUENCY (MHz)
1920
11
10
9
8
7
6
5
4
3
1940
1960
1980
2000
VDD = 26 Vdc
Pout = 30 W (PEP), IDQ = 200 mA
Two−Tone
Frequency Delta = 100 kHz
Gps
η
IMD
VSWR
45
−32
−40
40
30
−36
2.0
3.0
35
TJ, JUNCTION TEMPERATURE (°C)
250
200
150
100
50
0
1.E+10
1.E+09
1.E+07
1.E+06
1.E+05
This graph displays calculated MTTF in hours x ampere2 drain current.
Life tests at elevated temperature have correlated to better than
±10%
of the theoretical prediction for metal failure. Divide MTTF factor by ID2
for MTTF in a particular application.
1.E+08
1.E+04
Figure 14. MTTF Factor versus Junction Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com