Electronic Components Datasheet Search
  English  ▼

X  

MRF284 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MRF284
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MRF284 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 9Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 10Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MRF284LR1 MRF284LSR1
7
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Figure 4. Output Power & Power Gain
versus Input Power
35
Pin, INPUT POWER (WATTS)
5
0
2.0
15
25
Figure 5. Output Power versus Frequency
10
1840
f, FREQUENCY (MHz)
45
25
15
1.0
3.0
3.5
35
1800
2000
0
30
13
9
6
1880
1920
Figure 6. Intermodulation Distortion Products
versus Output Power
−20
Pout, OUTPUT POWER (WATTS) PEP
−80
Figure 7. Power Gain and Intermodulation
Distortion versus Supply Voltage
11
VDD, DRAIN SUPPLY VOLTAGE (Vdc)
8
10
Figure 8. Intermodulation Distortion
versus Output Power
0.1
Pout, OUTPUT POWER (WATTS) PEP
−60
10
−30
Figure 9. Power Gain versus Output Power
Pout, OUTPUT POWER (WATTS) PEP
8
1.0
12
10
1.0
0.1
0.1
9
10
11
10
6
20
22
16
−40
−20
−40
−35
VDD = 26 Vdc
IDQ = 200 mA
f = 2000 MHz Single Tone
40
24
26
28
13
12
−30
−25
−20
−15
−10
−70
−60
−50
−40
20
30
Pout = 30 W (PEP)
IDQ = 200 mA
f1 = 2000.0 MHz
f2 = 2000.1 MHz
Gps
Gps
3rd Order
7th Order
5th Order
Pin = 1 W
4 W
VDD = 26 Vdc
f1 = 2000.0 MHz
f2 = 2000.1 MHz
1.0
100 mA
IDQ = 400 mA
300 mA
200 mA
VDD = 26 Vdc
f1 = 2000.0 MHz
f2 = 2000.1 MHz
14
11
10
20
−30
18
VDD = 26 Vdc
IDQ = 200 mA
f1 = 2000.0 MHz
f2 = 2000.1 MHz
−50
Pout
1.5
0.5
2.5
VDD = 26 Vdc
IDQ = 200 mA
Single Tone
IMD
9
7
100 mA
IDQ = 400 mA
300 mA
200 mA
4.0
7
8
10
12
40
1860
1820
1900
1940 1960 1980
2 W
3 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com