Electronic Components Datasheet Search
  English  ▼

X  

MRF284 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF284
Description  RF Power Field Effect Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF284 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF284 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF284 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF284LR1 MRF284LSR1
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for PCN and PCS base station applications with frequencies from
1000 to 2600 MHz. Suitable for FM, TDMA, CDMA, and multicarrier amplifier
applications. To be used in Class A and Class AB for PCN-PCS/cellular radio
and wireless local loop.
• Specified Two-Tone Performance @ 2000 MHz, 26 Volts
Output Power = 30 Watts PEP
Power Gain = 9 dB
Efficiency = 30%
Intermodulation Distortion = -29 dBc
• Typical Single-Tone Performance at 2000 MHz, 26 Volts
Output Power = 30 Watts CW
Power Gain = 9.5 dB
Efficiency = 45%
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 2000 MHz, 30 Watts CW
Output Power
Features
• Excellent Thermal Stability
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Low Gold Plating Thickness on Leads. L Suffix Indicates 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R1 Suffix = 500 Units per 32 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
87.5
0.5
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Case
RθJC
2.0
°C/W
Table 3. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
(VGS = 0, ID = 10 μAdc)
V(BR)DSS
65
—
—
Vdc
Zero Gate Voltage Drain Current
(VDS = 20 Vdc, VGS = 0)
IDSS
—
—
1.0
μAdc
Gate-Source Leakage Current
(VGS = 20 Vdc, VDS = 0)
IGSS
—
—
10
μAdc
(continued)
NOTE - CAUTION - MOS devices are susceptible to damage from electrostatic charge. Reasonable precautions in handling and
packaging MOS devices should be observed.
Document Number: MRF284
Rev. 17, 5/2006
Freescale Semiconductor
Technical Data
MRF284LR1
MRF284LSR1
2000 MHz, 30 W, 26 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFETs
CASE 360B-05, STYLE 1
NI-360
MRF284LR1
CASE 360C-05, STYLE 1
NI-360S
MRF284LSR1
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF284

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF284 MOTOROLA-MRF284 Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284 NJSEMI-MRF284 Datasheet
109Kb / 2P
RF Power Field Effect Transistors
logo
Motorola, Inc
MRF284S MOTOROLA-MRF284S Datasheet
134Kb / 12P
RF Power Field-Effect Transistors
logo
New Jersey Semi-Conduct...
MRF284S NJSEMI-MRF284S Datasheet
109Kb / 2P
RF Power Field Effect Transistors
More results

Similar Description - MRF284

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
MRF7S18125BHR3 FREESCALE-MRF7S18125BHR3 Datasheet
476Kb / 14P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com